Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73K321L-IP Datasheet (PDF) - TDK Electronics

73K321L-IP Datasheet PDF - TDK Electronics
Part # 73K321L-IP
Download  73K321L-IP Download
File Size   140.73 Kbytes
Page   24 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description CCITT V.23, V.21 Single-Chip Modem

73K321L-IP Datasheet (PDF)

Go To PDF Page Download Datasheet
73K321L-IP Datasheet PDF - TDK Electronics

Part # 73K321L-IP
Download  73K321L-IP Click to download

File Size   140.73 Kbytes
Page   24 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description CCITT V.23, V.21 Single-Chip Modem

73K321L-IP Datasheet (HTML) - TDK Electronics


73K321L-IP Product details

DESCRIPTION
The 73K321L is a highly integrated single-chip modem IC which provides the functions needed to construct a CCITT V.23 and V.21 compatible modem, capable of 0-300 bit/s full-duplex or 0-1200 bit/s half-duplex operation over dial-up telephone lines. The 73K321L provides 1200 bit/s operation in V.23 mode and 300 bit/s in V.21 mode. The 73K321L also can both detect and generate the 2100 Hz answer tone needed for call initiation. The 73K321L integrates analog, digital, and switched capacitor array functions on a single substrate, offering excellent performance and a high level of functional integration in a single 28-pin DIP or PLCC package. The 73K321L operates from a single +5V supply with very low power consumption.

FEATURES
● One-chip CCITT V.23 and V.21 standard compatible modem data pump
● Full-duplex operation at 0-300 bit/s (V.21) or 0-1200 bit/s (V.23)
   forward channel with or without 0-75 bits/s back channel
● Full Duplex 0-1200 bit/s (V.23) in 4-wire mode
● Pin and software compatible with other TDK
   Semiconductor Corporation K-Series 1-chip modems
● Interfaces directly with standard micro processors (8048, 80C51 typical)
● Serial port for data transfer
● Call progress, carrier, precise answer tone (2100 Hz),
   calling tone (1300 Hz) and FSK mark detectors
● DTMF generator
● Test modes available: ALB, DL, RDL, Mark, Space, Alternating bit patterns
● Precise automatic gain control allows 45 dB dynamic range
● CMOS technology for low power consumption using 60 mW @ 5V
   from a single power supply




Similar Part No. - 73K321L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
More results


Similar Description - 73K321L-IP

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K224L TDK-73K224L Datasheet
206Kb / 32P
V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
BELL 103/V.21 SINGLE CHIP MODEM
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
CCITT V.23, V.22, V.21 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
V.23 / Bell 202 Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
V.21/V.23 TELEMETER MODEM
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
V.22bis Single Chip Modem
January 2010
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com