Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5026 Datasheet (PDF) - Broadcom Corporation.

AMMC-5026 Datasheet PDF - Broadcom Corporation.
Part # AMMC-5026
Download  AMMC-5026 Download
File Size   203.94 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 2??5 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5026 Datasheet PDF - Broadcom Corporation.

Part # AMMC-5026
Download  AMMC-5026 Click to download

File Size   203.94 Kbytes
Page   8 Pages
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.
Description 2??5 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (HTML) - Broadcom Corporation.




Similar Part No. - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Tyco Electronics
MAAM26100-P1 MACOM-MAAM26100-P1 Datasheet
71Kb / 2P
GaAs MMIC Power Amplifier 2 - 6 GHz
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
30 KHz??0 GHz Traveling Wave Amplifier
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
More results




About Broadcom Corporation.


Broadcom Corporation was an American semiconductor company that designed and manufactured a wide range of products for wired and wireless communication, storage, and industrial markets. The company was founded in 1991 and was based in Irvine, California.

Broadcom Corporation's products were used in a variety of applications, including data centers, smartphones, home networking, broadband, and automotive industries. The company's portfolio included chips for Wi-Fi, Bluetooth, Ethernet, and other connectivity technologies, as well as processors for storage devices, switches, and routers.

In 2016, Broadcom Corporation announced its intention to acquire Brocade Communications Systems, a networking company that provided data center solutions, for $5.9 billion. The acquisition was completed in November 2017.

In 2018, Broadcom Corporation relocated its headquarters to San Jose, California, and changed its name to Broadcom Inc. Today, Broadcom Inc. is a global technology company that provides a wide range of semiconductor and infrastructure software solutions for wired and wireless communications, enterprise storage, and industrial markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com