Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMC-5026 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMMC-5026 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMMC-5026
Download  AMMC-5026 Download
File Size   165.13 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2-35 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMMC-5026 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5026
Download  AMMC-5026 Click to download

File Size   165.13 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 2-35 GHz GaAs MMIC Traveling Wave Amplifier

AMMC-5026 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMMC-5026 Product details

Description
The AMMC-5026 is a broadband PHEMT GaAs MMIC Traveling Wave Amplifier (TWA) designed for medium output power and high gain over the full 2 GHz to 35 GHz frequency range. The design employs a 6-section cascode connected FET structure to provide flat gain and medium power as well as uniform group delay. For improved reliability and moisture protection, the die is passivated at the active areas.

Features
• Frequency range: 2 – 35 GHz
• Gain: 10.5 dB
• Gain flatness: ±0.8 dB
• Return loss:
    Input 17 dB, Output: 15 dB
• Output power (P-1dB):
    24 dBm at 10 GHz
    23 dBm at 20 GHz
    22 dBm at 26 GHz
• Noise figure (6–19 GHz): ≤ 4 dB

Applications
• Broadband gain block
• Broadband driver amplifier
• 10 Gb/s Fiber Optics




Similar Part No. - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026-W10 AVAGO-AMMC-5026-W10 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026-W10 BOARDCOM-AMMC-5026-W10 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results


Similar Description - AMMC-5026

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035P3-00 ALPHA-AA035P3-00 Datasheet
67Kb / 2P
31-35 GHz GaAs MMIC Driver Amplifier
logo
Agilent(Hewlett-Packard...
HMMC-5021 HP-HMMC-5021 Datasheet
268Kb / 6P
2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
361Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
30kHz - 40 GHz Traveling Wave Amplifier
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
30kHz ??40 GHz Traveling Wave Amplifier
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
2??5 GHz GaAs MMIC Traveling Wave Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com