Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC562 Datasheet (PDF) - Hittite Microwave Corporation

HMC562 Datasheet PDF - Hittite Microwave Corporation
Part # HMC562
Download  HMC562 Download
File Size   361.8 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz

HMC562 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC562 Datasheet PDF - Hittite Microwave Corporation

Part # HMC562
Download  HMC562 Click to download

File Size   361.8 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz

HMC562 Datasheet (HTML) - Hittite Microwave Corporation


HMC562 Product details

General Description
The HMC562 is a GaAs MMIC PHEMT Distributed Driver Amplifi er die which operates between 2 and 35 GHz. The amplifi er provides 12.5 dB of gain, +19 dBm output IP3 and +12 dBm of output power at 1 dB gain compression while requiring 80 mA from a +8V supply. The HMC562 is ideal for EW, ECM and radar driver amplifi er applications. The HMC562 amplifi er I/O’s are DC blocked and internally matched to 50 Ohms facilitating integration into MultiChip-Modules (MCMs). All data is taken with the chip connected via two 0.075mm (3 mil) ribbon bonds of minimal length 0.31mm (12 mils).

Features
   P1dB Output Power: +12 dBm
   Gain: 12.5 dB
   Output IP3: +19 dBm
   Supply Voltage: +8V @ 80 mA
   50 Ohm Matched Input/Output
   3.12 mm x 1.42 mm x 0.1 mm

Typical Applications
The HMC562 wideband driver is ideal for:
• Military & Space
• Test Instrumentation
• Fiber Optics




Similar Part No. - HMC562

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC562 HITTITE-HMC562 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC562 HITTITE-HMC562 Datasheet
755Kb / 18P
ACTIVE BIAS CONTROLLER
logo
Micross Components
HMC562 MICROSS-HMC562 Datasheet
924Kb / 11P
Test Instrumentation
logo
Analog Devices
HMC562 AD-HMC562 Datasheet
399Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER
HMC562 AD-HMC562 Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC562

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA035P3-00 ALPHA-AA035P3-00 Datasheet
67Kb / 2P
31-35 GHz GaAs MMIC Driver Amplifier
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC562 HITTITE-HMC562_08 Datasheet
289Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER, 2 - 35 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC562 AD-HMC562 Datasheet
399Kb / 8P
GaAs PHEMT MMIC WIDEBAND DRIVER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com