Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1674 Datasheet (PDF) - Rohm

2SB1674 Datasheet PDF - Rohm
Part # 2SB1674
Download  2SB1674 Download
File Size   57.16 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Motor / Relay drive (-120V, -6A)

2SB1674 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1674 Datasheet PDF - Rohm

Part # 2SB1674
Download  2SB1674 Click to download

File Size   57.16 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description For Motor / Relay drive (-120V, -6A)

2SB1674 Datasheet (HTML) - Rohm


2SB1674 Product details

For Motor / Relay drive (−120V, −6A)

Features
1) Darlington connection, high hFE.
2) Resistor inbetween base-emitter.
3) Built-in damper diode.

Applications
Relay drive
Motor drive




Similar Part No. - 2SB1674

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1672 ROHM-2SB1672 Datasheet
54Kb / 1P
Power Transistor (-80V, -7A)
logo
Panasonic Semiconductor
2SB1678 PANASONIC-2SB1678 Datasheet
119Kb / 2P
Silicon PNP epitaxial planer type
2SB1679 PANASONIC-2SB1679 Datasheet
44Kb / 1P
Silicon PNP epitaxial planer type(For low-frequency amplification)
More results


Similar Description - 2SB1674

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
Power Transistor (120V, -6A)
logo
Toshiba Semiconductor
2SK3439 TOSHIBA-2SK3439 Datasheet
319Kb / 6P
DC-DC Converter Relay Drive and Motor Drive Applications
logo
Rohm
2SD2615 ROHM-2SD2615 Datasheet
56Kb / 2P
For Motor / Relay drive (120V, 6A)
logo
Toshiba Semiconductor
2SJ668 TOSHIBA-2SJ668_09 Datasheet
195Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SJ669 TOSHIBA-2SJ669_09 Datasheet
166Kb / 6P
Relay Drive, DC/DC Converter and Motor Drive
2SK3438 TOSHIBA-2SK3438_10 Datasheet
203Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SK4014 TOSHIBA-2SK4014_10 Datasheet
238Kb / 6P
DC-DC Converter, Relay Drive and Motor Drive
2SJ380F TOSHIBA-2SJ380F Datasheet
228Kb / 6P
Relay Drive, DC-DC Converter and Motor Drive Applications
2SK2611T TOSHIBA-2SK2611T Datasheet
414Kb / 6P
DC?묭C Converter, Relay Drive and Motor Drive
2SK2996 TOSHIBA-2SK2996_V01 Datasheet
434Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive
2009-09-29
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com