Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1340 Datasheet (PDF) - Rohm

2SB1340 Datasheet PDF - Rohm
Part # 2SB1340
Download  2SB1340 Download
File Size   38.74 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, -6A)

2SB1340 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1340 Datasheet PDF - Rohm

Part # 2SB1340
Download  2SB1340 Click to download

File Size   38.74 Kbytes
Page   1 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, -6A)

2SB1340 Datasheet (HTML) - Rohm


2SB1340 Product details

Medium Power Transistor +/-120V/ +/- 6A




Similar Part No. - 2SB1340

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Inchange Semiconductor ...
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Similar Description - 2SB1340

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
POWER TRANSISTOR(6A,50W)
logo
Rohm
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
Power Transistor (120V, 7A)
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
Power Transistor (-120V , -1.5A)
2SB1674 ROHM-2SB1674 Datasheet
57Kb / 2P
For Motor / Relay drive (-120V, -6A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
Power Transistor (120V, 1.5A)
2SD2615 ROHM-2SD2615 Datasheet
56Kb / 2P
For Motor / Relay drive (120V, 6A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SAR587D3 ROHM-2SAR587D3 Datasheet
1Mb / 11P
PNP -3.0A -120V Power Transistor
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com