Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL030P02 Datasheet (PDF) - Rohm

RTL030P02 Datasheet PDF - Rohm
Part # RTL030P02
Download  RTL030P02 Download
File Size   77.57 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC-DC Converter (-20V, -3.0A)

RTL030P02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTL030P02 Datasheet PDF - Rohm

Part # RTL030P02
Download  RTL030P02 Click to download

File Size   77.57 Kbytes
Page   5 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description DC-DC Converter (-20V, -3.0A)

RTL030P02 Datasheet (HTML) - Rohm


RTL030P02 Product details

Features
1) Low on-resistance. (80mΩ at 2.5V)
2) High power package.
3) High speed switching.
4) Low voltage drive. (2.5V)

Applications
    DC-DC converter




Similar Part No. - RTL030P02

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RTL030P02 VBSEMI-RTL030P02 Datasheet
1Mb / 9P
P-Channel 20 V (D-S) MOSFET
More results


Similar Description - RTL030P02

ManufacturerPart #DatasheetDescription
logo
Rohm
RTQ035P02 ROHM-RTQ035P02 Datasheet
93Kb / 5P
DC-DC Converter (-20V, -3.5A)
RTQ030P02 ROHM-RTQ030P02 Datasheet
94Kb / 5P
DC-DC Converter (-20V, -3.0A)
RTF015P02 ROHM-RTF015P02 Datasheet
87Kb / 5P
DC-DC Converter (-20V, -1.5A)
RTQ025P02 ROHM-RTQ025P02 Datasheet
94Kb / 5P
DC-DC Converter (-20V, -2.5A)
RTF010P02 ROHM-RTF010P02 Datasheet
88Kb / 5P
DC-DC Converter (-20V, -1.0A)
RTQ040P02 ROHM-RTQ040P02 Datasheet
77Kb / 5P
DC-DC Converter (-20V, -4.0A)
RTF020P02 ROHM-RTF020P02 Datasheet
126Kb / 5P
DC-DC Converter (-20V, -2.0A)
RTL020P02 ROHM-RTL020P02 Datasheet
88Kb / 5P
DC-DC Converter (-20V, -2.0A)
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
logo
AiT Semiconductor Inc.
A7131 AITSEMI-A7131 Datasheet
672Kb / 12P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 3.0A 1.5MHz SYNCHRONOUS BUCK CONVERTER
REV2.0
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com