Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8874 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8874 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM8874
Download  HM8874 Download
File Size   1229.22 Kbytes
Page   17 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 10W anti-breaking sound mono Class D audio power amplifier

HM8874 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM8874 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8874
Download  HM8874 Click to download

File Size   1229.22 Kbytes
Page   17 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 10W anti-breaking sound mono Class D audio power amplifier

HM8874 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd




Similar Part No. - HM8874

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM8870 HMSEMI-HM8870 Datasheet
664Kb / 7P
3.5W/3.7V, ultra low EMI, ultra low noise, anti-breaking, mono AB/D dual mode audio amplifier
HM8871 HMSEMI-HM8871 Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871DF HMSEMI-HM8871DF Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871ES HMSEMI-HM8871ES Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
HM8871MS HMSEMI-HM8871MS Datasheet
782Kb / 5P
AB//D class switching, overheating, undervoltage, overcurrent protection
More results


Similar Description - HM8874

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
HT8696 YONGFUKANG-HT8696 Datasheet
666Kb / 11P
10W anti-shaving top dual channel class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8879 HMSEMI-HM8879 Datasheet
1Mb / 10P
Mono built-in synchronous boost, long battery life, anti-breaking F-class audio amplifier
HM8876 HMSEMI-HM8876 Datasheet
490Kb / 9P
Single channel anti-breaking sound class F power amplifier
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com