Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM8874 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8874
Description  10W anti-breaking sound mono Class D audio power amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8874 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM8874 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8874 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
VDD = 8.5V
参数
符号
条件
最小值
典型值
最大值
单位
Class D Channel VSS=0V, Av=26dB, Ta=25ºC, CIN=0.1uF, ACF-Off模式, 除非特殊说明
输出功率
PO
RL=4Ω
f=1kHz,
THD+N=10%
10.0
W
RL=8Ω
5.3
RL=4Ω,
f=1kHz,
THD+N=1%
8.0
RL=8Ω
4.3
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω,
f=1kHz
0.15
%
PO=1.0W
0.25
%
PO=3.0W
0.25
%
输出噪声
VN
f=20Hz~20kHz, A加权
160
µVrms
信噪比
SNR
A加权, Av=26dB, THD+N = 1%
91
dB
失调电压
VOS
±
6.5
mV
效率
η
RL=4Ω+22uH, THD+N = 10%
90
%
RL=8Ω+33uH, THD+N = 10%
94
%
静态电流
IDD
No Load
Input
Grounded
10.5
mA
With Load
*6
14
mA
关断电流
ISD
No Load
CTRL=VSS
0.5
µA
With Load
*6
0.5
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF-1 ON
1.75
Vrms
系统增益
Av0
RIN=56 kΩ
26.1
dB
Class AB Channel VSS=0V, Av=20dB, Ta=25ºC, CIN=0.1uF, 除非特殊说明
输出功率
PO
RL=4Ω,
f=1kHz,
THD+N=10%
9.2
W
RL=8Ω
5.2
W
RL=4Ω
f=1kHz,
THD+N=1%
7.4
W
RL=8Ω
4.2
W
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω,
f=1kHz
0.14
%
PO=1W
0.12
%
PO=3W
0.12
%
输出噪声
VN
f=20Hz~20kHz, A加权
75
µVrms
信噪比
SNR
A加权, Av=20dB, THD+N = 1%
97
dB
失调电压
VOS
±
3
mV
效率
η
RL=4Ω,
f=1kHz,
THD+N=10%
80
%
RL=8Ω
83.5
%
RL=4Ω
f=1kHz,
THD+N=1%
72
%
RL=8Ω,
76
%
静态电流
IDD
No Load
Input
Grounded
31
mA
With Load
*6
31
mA
关断电流
ISD
No Load
CTRL=VSS
34
µA
With Load
*6
34
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF OFF
0.8
Vrms
系统增益
Av0
RIN=56 kΩ
18.8
dB
注
6: 此处负载使用4ohm+22uH来模拟喇叭,下同。
HM8874
单声道音频功放



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com