Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4367 Datasheet (PDF) - Asahi Kasei Microsystems

AK4367 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4367
Download  AK4367 Download
File Size   710.63 Kbytes
Page   58 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description PLL & HP-AMP DAC

AK4367 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4367 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4367
Download  AK4367 Click to download

File Size   710.63 Kbytes
Page   58 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description PLL & HP-AMP DAC

AK4367 Datasheet (HTML) - Asahi Kasei Microsystems


AK4367 Product details

GENERAL DESCRIPTION

The AK4368 is 24-bit DAC with an integrated PLL and headphone amplifier. The PLL input frequency is synchronized to typical mobile phone clock frequencies. The AK4368 features an analog mixing circuit that allows easy interfacing in mobile phone and portable communication designs. The AK4368 includes a 3-D stereo enhancement circuit that operates with both the headphone amplifier and the stereo lineout. The integrated headphone amplifier features “pop-free” power-on/off, a mute control, and it delivers 50mW of power into 16Ω. The AK4368 is packaged in a 41-pin BGA package, deal for portable applications.



FEATURE

■ Multi-bit ∆Σ DAC

■ Sampling Rate

   - 8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz and 48kHz

■ On chip perfect filtering 8 times FIR interpolator

   - Passband: 20kHz

   - Passband Ripple: ±0.02dB

   - Stopband Attenuation: 54dB

■ Digital De-emphasis Filter: 32kHz, 44.1kHz and 48kHz

■ PLL:

   - Input Frequency: 27MHz, 26MHz, 19.8MHz, 19.68MHz, 19.2MHz, 15.36MHz, 14.4MHz, 13MHz, 12MHz and 11.2896MHz

   - Input Level: AC Couple Input Available

■ Audio I/F Format: MSB First, 2’s Compliment

   - I2S, 24bit MSB justified, 24bit/20bit/16bit LSB justified

   - Master/Slave Mode

■ Mixing: LR, LL, RR, (L+R)/2

■ Digital ALC

■ Digital ATT

■ Analog Mixing Circuit

■ 3D Stereo Enhancement

■ Stereo Lineout

■ µP Interface: 3-wire/I2C

■ Bass Boost Function

■ Headphone Amplifier

   - Output Power: 50mW x 2ch @16Ω, 3.3V

   - S/N: 92dB@3.3V

   - Pop Noise Free at Power-ON/OFF and Mute

■ Power Supply: 1.6V ∼ 3.6V

■ Power Supply Current: 4.0mA @2.4V (HP-AMP no output)

■ Ta: −30 ∼ 85°C

■ Small Package: 41pin BGA (4mm x 4mm, 0.5mm pitch)



 




Similar Part No. - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4367 AKM-AK4367 Datasheet
433Kb / 38P
OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC
AK4367 AKM-AK4367 Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367VN AKM-AK4367VN Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
More results


Similar Description - AK4367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1958 AD-AD1958 Datasheet
135Kb / 8P
PLL/Multibit DAC
AD1959 AD-AD1959 Datasheet
107Kb / 8P
PLL/Multibit DAC
logo
Asahi Kasei Microsystem...
AK4343 AKM-AK4343 Datasheet
837Kb / 98P
Stereo DAC with HP/RCV/SPK-AMP
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
DAC with built-in PLL & HP-AMP
AK4373 AKM-AK4373 Datasheet
1Mb / 98P
Low Power Stereo DAC with HP/SPK-Amp
AK4343VN AKM-AK4343VN Datasheet
851Kb / 99P
Stereo DAC with HP/RCV/SPK-AMP
logo
Analog Devices
AD1958 AD-AD1958_15 Datasheet
634Kb / 8P
PLL/Multibit DAC
REV. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com