Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4367 Datasheet (PDF) - Asahi Kasei Microsystems

AK4367 Datasheet PDF - Asahi Kasei Microsystems
Part # AK4367
Download  AK4367 Download
File Size   433.69 Kbytes
Page   38 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC

AK4367 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4367 Datasheet PDF - Asahi Kasei Microsystems

Part # AK4367
Download  AK4367 Click to download

File Size   433.69 Kbytes
Page   38 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description OUTPUT MIXER & HP - AMP 24 BIT 2 CH DAC

AK4367 Datasheet (HTML) - Asahi Kasei Microsystems


AK4367 Product details

GENERAL DESCRIPTION
The AK4367 is 24bit DAC with built-in Headphone Amplifier. The AK4367 features an analog mixing circuit that allows easy interfacing in mobile phone and portable communication designs. The integrated headphone amplifier features “pop-free” power-on/off, a mute control and delivers 50mW of power at 16Ω. The AK4367 is housed in a 20pin QFN package, making it suitable for portable applications.

FEATURE
□ Multi-bit ∆Σ DAC
□ Sampling Rate: 8kHz∼48kHz
□ 64x Oversampling
□ On chip perfect filtering 8 times FIR interpolator
    - Passband: 20kHz
    - Passband Ripple: ±0.02dB
    - Stopband Attenuation: 54dB
□ Digital De-emphasis Filter: 32kHz, 44.1kHz and 48kHz
□ System Clock: 256fs/384fs/512fs
    - AC Couple Input Available
□ Audio I/F Format: MSB First, 2’s Compliment
    - I2S, 24bit MSB justified, 24bit/20bit/16bit LSB justified
□ Digital ATT
□ Analog Mixing Circuit
□ Mono Lineout
□ µP Interface: 3-wire/I2C
□ Bass Boost Function
□ Headphone Amplifier
    - Output Power: 50mW x 2ch @16Ω, 3.3V
    - S/N: 92dB@2.4V
    - Pop Noise Free at Power-ON/OFF and Mute
□ Power Supply: 2.2V ∼ 3.6V
□ Power Supply Current: 2.8mA@2.4V (@HP-AMP no-output)
□ Ta: −40 ∼ 85°C
□ Small Package: 20pin QFN




Similar Part No. - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4367 AKM-AK4367 Datasheet
710Kb / 58P
PLL & HP-AMP DAC
AK4367 AKM-AK4367 Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367VN AKM-AK4367VN Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
More results


Similar Description - AK4367

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
Low Power 24-Bit 2ch DAC with HP-AMP
AK4358 AKM-AK4358 Datasheet
457Kb / 35P
192 KHZ 24 BIT 8 CH DAC WITH DSD INPUT
AK4368 AKM-AK4368 Datasheet
710Kb / 58P
PLL & HP-AMP DAC
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4367 AKM-AK4367_05 Datasheet
447Kb / 38P
Low Power 24-Bit 2ch DAC with HP-AMP & Output Mixer
AK4342 AKM-AK4342 Datasheet
567Kb / 43P
24-Bit Stereo DAC with HP-AMP & 2V Line-Out
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
Low Power 24-Bit 2ch DAC with HP-AMP
AK4370 AKM-AK4370 Datasheet
712Kb / 49P
24-Bit 2ch DAC with HP-AMP & Output Mixer
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Suzhou Everest Semicond...
ES7154 EVEREST-ES7154 Datasheet
609Kb / 8P
24-bit I2S Audio DAC with 2 Vrms Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com