| Manufacturer | Part # | Datasheet | Description |
 Fairchild Semiconductor |
FOD8321
|
2Mb / 19P |
2.5A Output Current, Gate Drive Optocoupler in Optoplanar 짰 Wide Body SOP 5-Pin
|
|
FOD8160
|
3Mb / 15P |
High Noise Immunity, 3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Wide-Body SOP 5-Pin
|
|
FOD8321R2
|
2Mb / 19P |
2.5A Output Current, Gate Drive Optocoupler in Optoplanar Wide Body SOP 5-Pin
|
 ON Semiconductor |
FOD8163T
|
408Kb / 15P |
3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Stretched Body SOP 6-Pin
March 2016 Rev. 1.1 |
|
FOD8001
|
224Kb / 10P |
High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1 |
|
FOD8480
|
1,016Kb / 13P |
Optically Isolated Intelligent Power Module (IPM) Driver in Stretched Body SOP 6-Pin
August, 2019 ??Rev. 1 |
|
FODM100X
|
213Kb / 9P |
Single Channel, DC Sensing Input, Phototransistor Optocoupler In Stretched Body SOP 4-Pin
May, 2021 ??Rev. 3 |
|
FODM8071
|
258Kb / 11P |
3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
January, 2023 - Rev. 2 |
|
FOD8342
|
361Kb / 21P |
3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4 |
|
FOD8343
|
348Kb / 17P |
4.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 2 |