Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM8071 Datasheet (PDF) - ON Semiconductor

FODM8071 Datasheet PDF - ON Semiconductor
Part # FODM8071
Download  FODM8071 Download
File Size   258.69 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity

FODM8071 Datasheet (PDF)

Go To PDF Page Download Datasheet
FODM8071 Datasheet PDF - ON Semiconductor

Part # FODM8071
Download  FODM8071 Click to download

File Size   258.69 Kbytes
Page   11 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity

FODM8071 Datasheet (HTML) - ON Semiconductor


FODM8071 Product details

Description
The FODM8071 is a 3.3 V / 5 V high−speed logic gate output
optocoupler, which supports isolated communications allowing digital
signals to communicate between systems without conducting ground
loops or hazardous voltages. It utilizes onsemi’s patented coplanar
packaging technology, OPTOPLANAR®, and optimized IC design to
achieve high−immunity, characterized by high common mode
rejection specifications.
This high−speed logic gate output optocoupler, housed in a compact
5−pin Mini−Flat package, consists of a highspeed AlGaAs LED at the
input coupled to a CMOS detector IC at the output. The detector IC
comprises an integrated photodiode, a high−speed transimpedance
amplifier and a voltage comparator with an output driver. The CMOS
technology coupled with a high−efficiency LED achieves low power
consumption as well as very high speed (55 ns propagation delay,
20 ns pulse width distortion).

Features
• High−noise Immunity Characterized by Common
Mode Rejection
♦ 20 kV/s Minimum Common Mode Rejection
• High Speed
♦ 20 Mbit/s Date Rate (NRZ)
♦ 55 ns Maximum Propagation Delay
♦ 20 ns Maximum Pulse Width Distortion
♦ 30 ns Maximum Propagation Delay Skew
• 3.3 V and 5 V CMOS Compatibility
• Specifications Guaranteed Over 3 V to 5.5 V Supply Voltage
and −40°C to +110°C Temperature Range
• Safety and Regulatory Approvals:
♦ UL1577, 3750 VACRMS for 1 Minute
♦ DIN EN/IEC60747−5−5
• These are Pb−Free Devices

Applications
• Microprocessor System Interface:
– SPI, I2C
• Industrial Fieldbus Communications:
– DeviceNet, CAN, RS485
• Programmable Logic Control
• Isolated Data Acquisition System
• Voltage Level Translator




Similar Part No. - FODM8071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071 Datasheet
369Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071R2 FAIRCHILD-FODM8071R2 Datasheet
363Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071R2 FAIRCHILD-FODM8071R2 Datasheet
369Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Similar Description - FODM8071

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM611 FAIRCHILD-FODM611 Datasheet
370Kb / 12P
High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FODM8071 FAIRCHILD-FODM8071_10 Datasheet
369Kb / 13P
3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD8001 FAIRCHILD-FOD8001 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
FOD8160 FAIRCHILD-FOD8160 Datasheet
3Mb / 15P
High Noise Immunity, 3.3 V / 5 V, 10 Mbit/sec, Logic Gate Optocoupler in Wide-Body SOP 5-Pin
FODM611 FAIRCHILD-FODM611_10 Datasheet
396Kb / 12P
High Noise Immunity, 5V, 10Mbit/sec Logic Gate Output (Open Collector) Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
FOD8001R2 FAIRCHILD-FOD8001R2 Datasheet
624Kb / 12P
High Noise Immunity, 3.3V/5V Logic Gate Optocoupler
logo
ON Semiconductor
FOD8001 ONSEMI-FOD8001 Datasheet
224Kb / 10P
High Noise Immunity, 3.3 V / 5 V Logic Gate Optocoupler
August, 2020 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com