Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FODM8071 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FODM8071
Description  3.3 V/5 V Logic Gate Output Optocoupler with High Noise Immunity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FODM8071 Datasheet(HTML) 2 Page - ON Semiconductor

  FODM8071 Datasheet HTML 1Page - ON Semiconductor FODM8071 Datasheet HTML 2Page - ON Semiconductor FODM8071 Datasheet HTML 3Page - ON Semiconductor FODM8071 Datasheet HTML 4Page - ON Semiconductor FODM8071 Datasheet HTML 5Page - ON Semiconductor FODM8071 Datasheet HTML 6Page - ON Semiconductor FODM8071 Datasheet HTML 7Page - ON Semiconductor FODM8071 Datasheet HTML 8Page - ON Semiconductor FODM8071 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FODM8071
www.onsemi.com
2
SAFETY AND INSULATION RATINGS (As per DIN EN/IEC 60747−5−5, this optocoupler is suitable for “safe electrical insulation”
only within the safety limit data. Compliance with the safety ratings shall be ensured by means of protective circuits.)
Parameter
Characteristics
Installation Classifications per DIN VDE
0110/1.89 Table 1, For Rated Mains Voltage
< 150 VRMS
I–IV
< 300 VRMS
I–III
Climatic Classification
40/110/21
Pollution Degree (DIN VDE 0110/1.89)
2
Comparative Tracking Index
175
Symbol
Parameter
Value
Unit
VPR
Input−to−Output Test Voltage, Method A, VIORM x 1.6 = VPR,
Type and Sample Test with tm = 10 s, Partial Discharge <5 pC
904
Vpeak
Input−to−Output Test Voltage, Method B, VIORM x 1.875 = VPR,
100% Production Test with tm = 1 s, Partial Discharge <5 pC
1060
Vpeak
VIORM
Maximum Working Insulation Voltage
565
Vpeak
VIOTM
Highest Allowable Over−Voltage
4000
Vpeak
External Creepage
≥5
mm
External Clearance
≥5
mm
DTI
Distance Through Insulation (Insulation Thickness)
≥0.4
mm
TS
Case Temperature (Note 1)
150
°C
IS,INPUT
Input Current (Note 1)
200
mA
PS,OUTPUT
Output Power (Note 1)
300
mW
RIO
Insulation Resistance at TS, VIO = 500 V (Note 1)
> 109
W
1. Safety limit values – maximum values allowed in the event of a failure.
PIN DEFINITIONS
Number
Name
Function Description
1
ANODE
Anode
3
CATHODE
Cathode
4
GND
Output Ground
5
VO
Output Voltage
6
VDD
Output Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com