| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX20075
|
947Kb / 16P |
36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19 |
|
MAX25232
|
571Kb / 21P |
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20 |
|
MAX20079
|
1Mb / 16P |
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19 |
|
MAX20098
|
638Kb / 28P |
Versatile Automotive 36V 2.2MHz Buck Controller with 3.5μA IQ
Rev 15; 12/20 |
|
MAX77597
|
1Mb / 15P |
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20 |
|
MAX20076E
|
138Kb / 3P |
36V, 600mA/1.2A Mini Buck Converter with 3.5關A IQ
|
|
MAX25231
|
691Kb / 16P |
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021 |
|
MAX25232
|
541Kb / 19P |
36V, 3A Mini Buck Converters with 3.5關A IQ
2021 |
|
MAX16956
|
1Mb / 17P |
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021 |
 Analog Devices |
MAX42402
|
1Mb / 16P |
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23 |