| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX16952
|
1Mb / 24P |
36V, 2.2MHz Step-Down Controller with Low Operating Current
Rev 1; 10/12 |
|
MAX16932
|
1Mb / 24P |
2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14 |
 Linear Technology |
LTC1436-PLL
|
280Kb / 12P |
Synchronous Buck Converter with Versatile Frequency Controller
|
 Maxim Integrated Produc... |
MAX25206
|
1Mb / 30P |
Versatile Automotive 60V/70V 2.2MHz Buck Controller with 7關A IQ and Optional Bypass Mode
Rev 0; 8/20 |
|
MAX25232
|
571Kb / 21P |
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20 |
|
MAX20034
|
2Mb / 24P |
Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19 |
|
MAX20077
|
1Mb / 18P |
36V, 2.5A Mini Buck Converters with 3.5μA IQ
Rev 6; 6/19 |
|
MAX20079
|
1Mb / 16P |
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19 |
|
MAX77597
|
1Mb / 15P |
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20 |
|
MAX16956
|
1Mb / 17P |
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021 |