Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-23 Datasheet (PDF) - fujitsu semiconductor

VC-23 Datasheet PDF - fujitsu semiconductor
Part # VC-23
Download  VC-23 Download
File Size   105.18 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description ASSP for Mobile Telephone VCO (800 to 2000 MHz)

VC-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
VC-23 Datasheet PDF - fujitsu semiconductor

Part # VC-23
Download  VC-23 Click to download

File Size   105.18 Kbytes
Page   11 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description ASSP for Mobile Telephone VCO (800 to 2000 MHz)

VC-23 Datasheet (HTML) - fujitsu semiconductor


VC-23 Product details

■ DESCRIPTION
With excellent C/N characteristics and low current consumption, this VCO series is suitable for use with AMPS, CDMA and PCS and is ideal to miniaturize dual-band mode products. The VC-23 series can be used in any frequency band in the 800 MHz to 2000 MHz range. The device utilizes FUJITSU MEDIA DEVICE’s high-frequency design technology, high-density mounting technology, and frequency adjustment technology to provide a high level of reliability in addition to high performance and small size.

■ FEATURES
• Superior noise characteristics (C/N, S/N)
• Frequency switching type
• High level of stability in response to ambient temperature and load variations
• FUJITSU MEDIA DEVICE’s proprietary fabrication process provides a uniform central frequency distribution
• Small size, light-weight, slim-package : 9.3 × 7.3 × 2.0 mm (Max.)
• SMD-type taping specifications suitable for automatic mounting and reflow soldering




Similar Part No. - VC-23

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
VC-2301-45 KEISO-VC-2301-45 Datasheet
122Kb / 4P
V-CONE FLOWMETER
FEB. 2007K
VC-2301-50 KEISO-VC-2301-50 Datasheet
122Kb / 4P
V-CONE FLOWMETER
FEB. 2007K
VC-2302-45 KEISO-VC-2302-45 Datasheet
122Kb / 4P
V-CONE FLOWMETER
FEB. 2007K
VC-2302-50 KEISO-VC-2302-50 Datasheet
122Kb / 4P
V-CONE FLOWMETER
FEB. 2007K
VC-2303-45 KEISO-VC-2303-45 Datasheet
122Kb / 4P
V-CONE FLOWMETER
FEB. 2007K
More results


Similar Description - VC-23

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
ASSP for Mobile Telephone
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
ASSP for Mobile Telephone
VC-24 FUJITSU-VC-24 Datasheet
166Kb / 15P
VCO (800 to 2000 MHz)
VC-30 FUJITSU-VC-30 Datasheet
154Kb / 15P
ASSP for Mobile Telephone
logo
Mini-Circuits
ZNDC-13-2G MINI-ZNDC-13-2G Datasheet
166Kb / 1P
Directional Coupler 50??13dB 800 to 2000 MHz
ZNDC-15-2G MINI-ZNDC-15-2G Datasheet
167Kb / 1P
Directional Coupler 50??15dB 800 to 2000 MHz
logo
fujitsu semiconductor
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
ASSP for Mobile Telephone
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com