Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-24 Datasheet (PDF) - fujitsu semiconductor

VC-24 Datasheet PDF - fujitsu semiconductor
Part # VC-24
Download  VC-24 Download
File Size   166.09 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description VCO (800 to 2000 MHz)

VC-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
VC-24 Datasheet PDF - fujitsu semiconductor

Part # VC-24
Download  VC-24 Click to download

File Size   166.09 Kbytes
Page   15 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description VCO (800 to 2000 MHz)

VC-24 Datasheet (HTML) - fujitsu semiconductor


VC-24 Product details

■ DESCRIPTION
With excellent C/N characteristics and low current consumption, this VCO series is suitable for use with GSM and DCS and is ideal to miniaturize dual-band mode products. The VC-24 series can be used in any frequency band in the 800 MHz to 2000 MHz range. The device utilizes FUJITSU MEDIA DEVICE’s high-frequency design technology, high-density mounting technology, and frequency adjustment technology to provide a high level of reliability in addition to high performance and small size.

■ FEATURES
• Superior noise characteristics (C/N, S/N)
• Frequency switching type
• High level of stability in response to ambient temperature and load variations
• FUJITSU MEDIA DEVICE’s proprietary fabrication process provides a uniform central frequency distribution
• Small size, light-weight, slim-package : 9.3 × 7.2 × 2.0 mm (Max.)
• SMD-type taping specifications suitable for automatic mounting and reflow soldering




Similar Part No. - VC-24

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
VC-2 JST-VC-2 Datasheet
85Kb / 1P
BUTT
logo
List of Unclassifed Man...
VC-2034-21-180 ETC2-VC-2034-21-180 Datasheet
79Kb / 2P
ITALIAN DETACHABLE POWER SUPPLY CORD
logo
NEC
VC-210FA NEC-VC-210FA Datasheet
3Mb / 51P
Noise Filters
VC-215F3V NEC-VC-215F3V Datasheet
3Mb / 51P
Noise Filters
logo
Kemet Corporation
VC-215F3V KEMET-VC-215F3V Datasheet
78Kb / 1P
KEMET, VC, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 15 A
More results


Similar Description - VC-24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM2105 ETC-PM2105 Datasheet
834Kb / 4P
1 WATT RFIC POWER AMPLIFIER 800 TO 2000 MHZ OPERATION
logo
Mini-Circuits
ZNDC-13-2G MINI-ZNDC-13-2G Datasheet
166Kb / 1P
Directional Coupler 50??13dB 800 to 2000 MHz
ZNDC-15-2G MINI-ZNDC-15-2G Datasheet
167Kb / 1P
Directional Coupler 50??15dB 800 to 2000 MHz
ZNDC-18-2G MINI-ZNDC-18-2G Datasheet
166Kb / 1P
Directional Coupler 50??18dB 800 to 2000 MHz
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
Directional Coupler 50??20dB 800 to 2000 MHz
ZNDC-23-2G MINI-ZNDC-23-2G Datasheet
109Kb / 1P
Directional Coupler 50??23dB 800 to 2000 MHz
logo
fujitsu semiconductor
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Hittite Microwave Corpo...
HMC-C013 HITTITE-HMC-C013 Datasheet
842Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
HMC-C013 HITTITE-HMC-C013_08 Datasheet
317Kb / 6P
10 WATT POWER AMPLIFIER MODULE, 800 - 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com