Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD161620 Datasheet (PDF) - NEC

UPD161620 Datasheet PDF - NEC
Part # UPD161620
Download  UPD161620 Download
File Size   470.97 Kbytes
Page   71 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 432 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM

UPD161620 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD161620 Datasheet PDF - NEC

Part # UPD161620
Download  UPD161620 Click to download

File Size   470.97 Kbytes
Page   71 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 432 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM

UPD161620 Datasheet (HTML) - NEC


UPD161620 Product details

DESCRIPTION
The µ PD161620 is a TFT-LCD source driver that includes display RAM.
This driver has 432 outputs, a display RAM capacity of 304,128 bits (432 dots x 4 bits x 176 lines) and, can provide a 4,096-color display.

FEATURES
• TFT-LCD driver with on-chip display RAM
• Logic supply voltage: 2.5 to 3.6 V
• Driver supply voltage: 3.6 to 5.5 V
• Display RAM: 432 x 4 x 176 bits
• Driver outputs: 432 output
• CPU interface: Serial, 4-bit/8-bit parallel interface selectable
    (Parallel interface requires WAIT control via RDY signal)
• Colors: 4,096 colors/pixel
• On-chip VCOM generator
• On-chip timing generator
• On-chip oscillator




Similar Part No. - UPD161620

ManufacturerPart #DatasheetDescription
logo
NEC
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
UPD161622 RENESAS-UPD161622 Datasheet
1Mb / 106P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161622P NEC-UPD161622P Datasheet
954Kb / 103P
396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
logo
Renesas Technology Corp
UPD161622P RENESAS-UPD161622P Datasheet
1Mb / 106P
MOS INTEGRATED CIRCUIT
2001
logo
NEC
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
More results


Similar Description - UPD161620

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
420-OUTPUT TFT-LCD SOURCE DRIVER
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER
UPD161622 NEC-UPD161622 Datasheet
954Kb / 103P
396 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD161623 NEC-UPD161623 Datasheet
536Kb / 83P
528 OUTPUT TFT-LCD SOURCE DRIVER WITH RAM
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com