Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC629ALP4E Datasheet (PDF) - Analog Devices

HMC629ALP4E Datasheet PDF - Analog Devices
Part # HMC629ALP4E
Download  HMC629ALP4E Download
File Size   1079.69 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz

HMC629ALP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC629ALP4E Datasheet PDF - Analog Devices

Part # HMC629ALP4E
Download  HMC629ALP4E Click to download

File Size   1079.69 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz

HMC629ALP4E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC629ALP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC629LP4E HITTITE-HMC629LP4E Datasheet
1,007Kb / 8P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results


Similar Description - HMC629ALP4E

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
logo
Hittite Microwave Corpo...
HMC230MS8 HITTITE-HMC230MS8 Datasheet
149Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC230MS8 HITTITE-HMC230MS8_06 Datasheet
224Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC939LP4 HITTITE-HMC939LP4 Datasheet
712Kb / 8P
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC230MS8 HITTITE-HMC230MS8_08 Datasheet
191Kb / 6P
4 dB LSB GaAs MMIC 3-BIT DIGITAL ATTENUATOR, 0.75 - 2.0 GHz
HMC629LP4 HITTITE-HMC629LP4 Datasheet
1,007Kb / 8P
3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com