Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA230-24 Datasheet (PDF) - Alpha Industries

AA230-24 Datasheet PDF - Alpha Industries
Part # AA230-24
Download  AA230-24 Download
File Size   38.15 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz

AA230-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA230-24 Datasheet PDF - Alpha Industries

Part # AA230-24
Download  AA230-24 Click to download

File Size   38.15 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz

AA230-24 Datasheet (HTML) - Alpha Industries


AA230-24 Product details

Description
The AD230-24 is an IC FET Digital Attenuator consisting of three monolithic attenuators with LSB of 4 dB and a total attenuation of 28 dB with all attenuators connected. Attenuators are switched with -5 and 0 V.

Features
■ Attenuation in 4 dB steps to 28 dB with High Accuracy
■ Low Cost SOIC-14 Plastic Package
■ Low DC Power Consumption




Similar Part No. - AA230-24

ManufacturerPart #DatasheetDescription
logo
Dubilier
AA2300 DUBILIER-AA2300 Datasheet
95Kb / 1P
ALKALINE
More results


Similar Description - AA230-24

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AT001D6-25 ALPHA-AT001D6-25 Datasheet
28Kb / 2P
GaAs IC 4 Bit Digital Attenuator 3 dB LSB DC-1 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA100-59LF SKYWORKS-AA100-59LF Datasheet
187Kb / 4P
GaAs 3 Bit Digital Attenuator, 4 dB LSB 0.75-2 GHz
AK802D4-24 SKYWORKS-AK802D4-24 Datasheet
31Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com