Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA220-25 Datasheet (PDF) - Alpha Industries

AA220-25 Datasheet PDF - Alpha Industries
Part # AA220-25
Download  AA220-25 Download
File Size   38.49 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz

AA220-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA220-25 Datasheet PDF - Alpha Industries

Part # AA220-25
Download  AA220-25 Click to download

File Size   38.49 Kbytes
Page   2 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz

AA220-25 Datasheet (HTML) - Alpha Industries


AA220-25 Product details

Description
The AD220-25 is an IC FET digital attenuator consisting of four monolithic attenuators with LSB of 2 dB and a total attenuation of 30 dB with all attenuators connected.
The AD220-25 is particularly well suited where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include cellular, radio, wireless data, wireless local loop and other gain level control circuits.

Features
■ Attenuation in 2 dB Steps to 30 dB with High Accuracy
■ Low Cost SOIC-16 Plastic Package
■ Low DC Power Consumption




Similar Part No. - AA220-25

ManufacturerPart #DatasheetDescription
logo
Dubilier
AA2200 DUBILIER-AA2200 Datasheet
95Kb / 1P
ALKALINE
logo
List of Unclassifed Man...
AA2202S ETC2-AA2202S Datasheet
201Kb / 1P
SINGLE COLOR LED
More results


Similar Description - AA220-25

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA230-24 ALPHA-AA230-24 Datasheet
38Kb / 2P
GaAs IC 3 Bit Digital Attenuator 4 dB LSB DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
AK002D4-24 ALPHA-AK002D4-24 Datasheet
35Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AK802D4-24 SKYWORKS-AK802D4-24 Datasheet
31Kb / 2P
GaAs IC 4 Bit Digital Attenuator With Driver 1 dB LSB DC-2 GHz
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com