Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC6146BLC5A Datasheet (PDF) - Analog Devices

HMC6146BLC5A Datasheet PDF - Analog Devices
Part # HMC6146BLC5A
Download  HMC6146BLC5A Download
File Size   1194.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC I/Q UPCONVERTER 40 - 44 GHz

HMC6146BLC5A Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6146BLC5A Datasheet PDF - Analog Devices

Part # HMC6146BLC5A
Download  HMC6146BLC5A Click to download

File Size   1194.33 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC I/Q UPCONVERTER 40 - 44 GHz

HMC6146BLC5A Datasheet (HTML) - Analog Devices




Similar Part No. - HMC6146BLC5A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6147ALC5A AD-HMC6147ALC5A Datasheet
883Kb / 12P
GaAs MMIC I/Q DOWNCONVERTER 37 - 44 GHz
More results


Similar Description - HMC6146BLC5A

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC709LC5 HITTITE-HMC709LC5 Datasheet
240Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC815LC5_1007 HITTITE-HMC815LC5_1007 Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC6505LC5 HITTITE-HMC6505LC5 Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
HMC6787ALC5A HITTITE-HMC6787ALC5A Datasheet
1Mb / 18P
GaAs MMIC I/Q UPCONVERTER 37 - 40 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com