| Manufacturer | Part # | Datasheet | Description |
 fujitsu semiconductor |
FAR-F5CP
|
230Kb / 18P |
Piezoelectric SAW BPF (700 to 1700MHz)
|
 Maxim Integrated Produc... |
MAX9993
|
492Kb / 12P |
High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02 |
|
MAX9995
|
363Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04 |
|
MAX9994
|
548Kb / 12P |
SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX2039
|
363Kb / 16P |
High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04 |
|
MAX2059
|
789Kb / 14P |
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06 |
|
MAX19995
|
510Kb / 29P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08 |
|
MAX19995A
|
410Kb / 23P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09 |
 RF Micro Devices |
SPA2318Z
|
646Kb / 8P |
1700MHz to 2200MHz 1 WATT POWER AMP WITH ACTIVE BIAS
|
 Maxim Integrated Produc... |
MAX9996EVKIT
|
570Kb / 8P |
1700MHz to 2200MHz RF Frequency
Rev 0; 1/05 |