Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2609 Datasheet (PDF) - Qorvo, Inc

QPA2609 Datasheet PDF - Qorvo, Inc
Part # QPA2609
Download  QPA2609 Download
File Size   1234.51 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 7 ??14 GHz GaAs Low Noise Amplifier

QPA2609 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA2609 Datasheet PDF - Qorvo, Inc

Part # QPA2609
Download  QPA2609 Click to download

File Size   1234.51 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 7 ??14 GHz GaAs Low Noise Amplifier

QPA2609 Datasheet (HTML) - Qorvo, Inc




Similar Part No. - QPA2609

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2609D QORVO-QPA2609D Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
QPA2609DEVB1 QORVO-QPA2609DEVB1 Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
QPA2609S QORVO-QPA2609S Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
More results


Similar Description - QPA2609

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC-ALH216 HITTITE-HMC-ALH216 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC-ALH476 HITTITE-HMC-ALH476 Datasheet
190Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC504LC4B HITTITE-HMC504LC4B Datasheet
911Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 14 - 27 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC564LC4 HITTITE-HMC564LC4_09 Datasheet
233Kb / 6P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
logo
Qorvo, Inc
QPA2609D QORVO-QPA2609D Datasheet
1Mb / 16P
7 ??14 GHz Low Noise Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com