Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C256 Datasheet (PDF) - List of Unclassifed Manufacturers

24C256 Datasheet PDF - List of Unclassifed Manufacturers
Part # 24C256
Download  24C256 Download
File Size   44.67 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM

24C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
24C256 Datasheet PDF - List of Unclassifed Manufacturers

Part # 24C256
Download  24C256 Click to download

File Size   44.67 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM

24C256 Datasheet (HTML) - List of Unclassifed Manufacturers


24C256 Product details

[Turbo IC, Inc.]

DESCRIPTION:
The Turbo IC 24C128/24C256 is a serial 128K/256K EEPROM fabricated with Turbo’s proprietary, high reliability, high performance CMOS technology. It’s 128K/256K of memory is organized as 16384/32768 x 8 bits. The memory is configured as 256/512 pages with each page containing 64 bytes. This device offers significant advantages in low power and low voltage applications.

FEATURES :
• Extended Power Supply Voltage
    Single Vcc for Read and Programming
    (Vcc = 2.7 V to 5.5 V)(Vcc = 4.5V to 5.5V)
• Low Power (Isb = 2µa @ 5.5 V)
• Extended I²C Bus, 2-Wire Serial Interface
• Support Byte Write and Page Write (64 Bytes)
• Automatic Page write Operation (maximum 10 ms)
    Internal Control Timer
    Internal Data Latches for 64 Bytes
• Hardware Data Protection by Write Protect Pin
• High Reliability CMOS Technology
    EEPROM Cell
        Endurance : 100,000 Cycles
        Data Retention : 100 Years
• 8 pin JDEC 300 mil wide PDIP AND 8 pin 150 mil wide SOIC packages




Similar Part No. - 24C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
24C256 FAIRCHILD-24C256 Datasheet
89Kb / 12P
256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
ATMEL Corporation
24C256 ATMEL-24C256 Datasheet
225Kb / 15P
2-Wire Serial EEPROMs
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
262,144-bit 2-WIRE SERIAL CMOS EEPROM
logo
SYC Electronica
24C256 SYC-24C256 Datasheet
336Kb / 15P
2-Wire Serial EEPROMs
More results


Similar Description - 24C256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24C64 ETC-24C64 Datasheet
46Kb / 8P
CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Rohm
BR93L56 ROHM-BR93L56 Datasheet
634Kb / 42P
128 X 16 bIT Electrically Erasable Programmable ROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Rev.A1 Oct 20, 2003
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
logo
List of Unclassifed Man...
24C08 ETC1-24C08 Datasheet
45Kb / 8P
CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
logo
List of Unclassifed Man...
24C01 ETC1-24C01 Datasheet
45Kb / 8P
CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com