Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-252-IV Datasheet (PDF) - List of Unclassifed Manufacturers

MI-252-IV Datasheet PDF - List of Unclassifed Manufacturers
Part # MI-252-IV
Download  MI-252-IV Download
File Size   92.74 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Military DC-DC Converters 50 to 100W

MI-252-IV Datasheet (PDF)

Go To PDF Page Download Datasheet
MI-252-IV Datasheet PDF - List of Unclassifed Manufacturers

Part # MI-252-IV
Download  MI-252-IV Click to download

File Size   92.74 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Military DC-DC Converters 50 to 100W

MI-252-IV Datasheet (HTML) - List of Unclassifed Manufacturers


MI-252-IV Product details

Product Highlights
The MI-Series is designed for military applications and is based on Vicor’s 1st Generation family of zero-current/zero-voltage switching, component level DC-DC converters. Operating at frequencies in excess of 1MHz, the MI-Series offers state-of-the-art performance in terms of power density, efficiency, noise, ease of use, and reliability.
Standard features such as wide output trimming/programming, current limiting, remote sense, output inhibit, and latching OVP and OTP combine to offer a high degree of protection, versatility, and reliability for military power systems.

Features
♦ Inputs:
   28Vdc per MIL-STD-704D/E
   155Vdc per MIL-STD-1399A
   270Vdc per MIL-STD-704D/E
♦ Single output: 2 – 48Vdc
♦ Up to 23W/in3
♦ MIL-STD-810 environments
♦ Up to 90% efficiency
♦ Remote sense
♦ Current limit
♦ OVP and thermal shutdown
♦ Power boosters for higher power outputs
♦ ZVS/ZCS power architecture
♦ Low noise FM control
♦ Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)




Similar Part No. - MI-252-IV

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MI-252-IV VICOR-MI-252-IV Datasheet
86Kb / 2P
Military DC-DC Converters 50 to 100W
logo
Powerbox
MI-252-IV POWERBOX-MI-252-IV Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
More results


Similar Description - MI-252-IV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS70T300 STMICROELECTRONICS-GS70T300 Datasheet
91Kb / 10P
70W/100W DC-DC CONVERTERS FAMILY
12-Feb-2015
logo
Vicor Corporation
MI-200 VICOR-MI-200 Datasheet
86Kb / 2P
Military DC-DC Converters 50 to 100W
MI-J00 VICOR-MI-J00 Datasheet
86Kb / 2P
Military DC-DC Converters 10 to 50W
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
EXB100 ARTESYN-EXB100 Datasheet
59Kb / 2P
54-100W DC/DC Isolated Converters
EXQ125 ARTESYN-EXQ125 Datasheet
49Kb / 2P
36-100W High Efficiency DC/DC Converters
logo
SynQor Worldwide Headqu...
MCOTS-C-28-05-QT SYNQOR-MCOTS-C-28-05-QT Datasheet
947Kb / 13P
Military COTS DC/DC Converters
MCOTS-C-28-12-QT SYNQOR-MCOTS-C-28-12-QT Datasheet
942Kb / 13P
Military COTS DC/DC Converters
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
50 & 100W 14.4 to 36VDC Input DC-DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com