| Manufacturer | Part # | Datasheet | Description |
 Richtek Technology Corp... |
RT1650
|
1Mb / 26P |
Wireless Power Receiver Compliant with WPC
|
 Integrated Device Techn... |
P9028AC
|
2Mb / 38P |
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
|
 Injoinic Technology Co.... |
IP6808
|
1Mb / 18P |
7.5W/10W wireless charging transmitter controller compatible with WPC v1.2 .4 protocol
|
 Maxim Integrated Produc... |
MAX77950
|
1Mb / 53P |
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17 |
 NXP Semiconductors |
WCT101XADS
|
1Mb / 43P |
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.1 01/2021 |
|
WCT1012DS
|
2Mb / 45P |
Compliant with the latest version Wireless Power Consortium (WPC) specifications transmitter design
Rev. 1.1, 09/2015 |
|
WCT101XDS
|
2Mb / 44P |
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.2 05/2019 |
|
WCT1111DS
|
1Mb / 38P |
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.1 09/2016 |
|
WCT1011DS
|
2Mb / 44P |
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 0 0, 9/2016 |
 Renesas Technology Corp |
P9028AC
|
2Mb / 39P |
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020 |