Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX77950 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77950
Description  Wireless power transmitter with WPC/PMA compliance
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77950 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77950 Datasheet HTML 1Page - Maxim Integrated Products MAX77950 Datasheet HTML 2Page - Maxim Integrated Products MAX77950 Datasheet HTML 3Page - Maxim Integrated Products MAX77950 Datasheet HTML 4Page - Maxim Integrated Products MAX77950 Datasheet HTML 5Page - Maxim Integrated Products MAX77950 Datasheet HTML 6Page - Maxim Integrated Products MAX77950 Datasheet HTML 7Page - Maxim Integrated Products MAX77950 Datasheet HTML 8Page - Maxim Integrated Products MAX77950 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Evaluates: MAX77950
MAX77950 Evaluation Kit
General Description
The MAX77950 evaluation kit (EV kit) is a fully assembled
and tested PCB that evaluates the MAX77950 advanced
wireless power receiver IC. The IC meets the specification
requirements for WPC low-power (v1.2) and PMA SR1
(v2.0) communication protocols and operates using near-
field magnetic induction when coupled with WPC or PMA
transmitters, providing up to 12W of output power.
The EV kit comes with a planar coil to receive or transmit
power wirelessly, as well as Windows®-based software
that provides a graphical user interface (GUI) to evaluate
the functions of the device.
Benefits and Features
● Ready-to-Go EV Kit with Receiver Coil
● Multiple Test Points to Measure Output Voltage
(VOUT), Rectifier Output Voltage (VRECT),
and AC Voltage
● Graphical User Interface (GUI) Software for the
Multifunction Test
● LED Indication to Monitor Operation
● RoHS Compliant
● Proven PCB Layout
● Fully Assembled and Tested
319-100007; Rev 0; 3/17
Ordering Information appears at end of data sheet.
Windows is a registered trademark and registered service mark
of Microsoft Corporation.
Quick Start
Required Equipment
● MAX77950 EV kit
● Wireless power transmitter with WPC/PMA
compliance
● Micro-USB cable
● Digital multimeter (DVM)
● Windows-based PC
● Optional: DC power supply
● Optional: Electronic load
Note: In the following sections, software-related items are
identified by bolding. Text in
bold refers to items directly
from the EV kit software. Text in
bold and underlined
refers to items from the Windows operating system.
MAX77950 EV Kit Photo


Similar Part No. - MAX77950

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950EWW MAXIM-MAX77950EWW Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950EWWT MAXIM-MAX77950EWWT Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
More results

Similar Description - MAX77950

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT1650 RICHTEK-RT1650 Datasheet
1Mb / 26P
Wireless Power Receiver Compliant with WPC
logo
Integrated Device Techn...
P9028AC IDT-P9028AC Datasheet
2Mb / 38P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
logo
Injoinic Technology Co....
IP6808 INJOINIC-IP6808 Datasheet
1Mb / 18P
7.5W/10W wireless charging transmitter controller compatible with WPC v1.2 .4 protocol
logo
Maxim Integrated Produc...
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
logo
NXP Semiconductors
WCT101XADS NXP-WCT101XADS Datasheet
1Mb / 43P
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.1 01/2021
WCT1012DS NXP-WCT1012DS Datasheet
2Mb / 45P
Compliant with the latest version Wireless Power Consortium (WPC) specifications transmitter design
Rev. 1.1, 09/2015
WCT101XDS NXP-WCT101XDS Datasheet
2Mb / 44P
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.2 05/2019
WCT1111DS NXP-WCT1111DS Datasheet
1Mb / 38P
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 1.1 09/2016
WCT1011DS NXP-WCT1011DS Datasheet
2Mb / 44P
Compliant with the latest version Wireless Power Consortium (WPC) power class 0 specification power transmitter design
Rev. 0 0, 9/2016
logo
Renesas Technology Corp
P9028AC RENESAS-P9028AC Datasheet
2Mb / 39P
Dual-Mode WPC/PMA 5 Watt Wireless Power Receiver IC
Mar 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com