Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3502 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3502 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3502
Download  PE3502 Download
File Size   162.4 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

PE3502 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3502 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3502
Download  PE3502 Click to download

File Size   162.4 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

PE3502 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE3502 Product details

Product Description
The PE3502 is a high performance monolithic UltraCMOS™ prescaler with a fixed divide ratio of 4. Its operating frequency range is 1500 MHz to 3500 MHz. The PE3502 operates on a nominal 3 V supply and draws only 12 mA. It is packaged in a small 8-lead MSOP and is ideal for microwave PLL synthesis solutions.

Features
• High-frequency operation: 1500 MHz to 3500 MHz
• Fixed divide ratio of 4
• Low-power operation: 12 mA typical @ 3 V across frequency
• Small package: 8-lead MSOP




Similar Part No. - PE3502

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35021 PASTERNACK-PE35021 Datasheet
85Kb / 1P
CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-12 PASTERNACK-PE35021-12 Datasheet
85Kb / 1P
CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-24 PASTERNACK-PE35021-24 Datasheet
85Kb / 1P
CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-36 PASTERNACK-PE35021-36 Datasheet
85Kb / 1P
CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
PE35021-48 PASTERNACK-PE35021-48 Datasheet
85Kb / 1P
CABLE ASSEMBLY, PE-C400, UHF MALE TO UHF MALE
More results


Similar Description - PE3502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com