Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3501 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3501 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3501
Download  PE3501 Download
File Size   204.96 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler

PE3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3501 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3501
Download  PE3501 Click to download

File Size   204.96 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler

PE3501 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE3501 Product details

Product Description

The PE3501 is a high-performance dynamic UltraCMOS™ prescaler with a fixed divide ratio of 2. Its operating frequency range is 400 MHz to 3.5 GHz. The PE3501 operates on a nominal 3 V supply and draws only 12 mA. It is packaged in a small 8-lead TSSOP and is ideal for frequency scaling and microwave PLL synthesis solutions.



Features

High-frequency operation: 400 MHz to 3500 MHz

Fixed divide ratio of 2

Low-power operation: 12 mA typical @ 3 V

Small package: 8-lead TSSOP

Low cost




Similar Part No. - PE3501

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3501 PASTERNACK-PE3501 Datasheet
115Kb / 1P
CABLE ASSEMBLY , RG58C/U, BNC MALE TO STANDARD ALLIGATOR CLIPS
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Similar Description - PE3501

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com