Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4134 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4134 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4134
Download  PE4134 Download
File Size   295.7 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for PCS & 3G BTS

PE4134 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4134 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4134
Download  PE4134 Click to download

File Size   295.7 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity Quad MOSFET Mixer for PCS & 3G BTS

PE4134 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4134 Product details

Product Description

The PE4134 is a high linearity, passive Quad MOSFET Mixer for PCS & 3G Base Station Receivers, exhibiting high dynamic range performance over a broad LO drive range of up to +20 dBm. This mixer integrates passive matching networks to provide single-ended interfaces for the RF and LO ports, eliminating the need for external RF baluns or matching networks. The PE4134 is optimized for frequency down-conversion using low-side LO injection for PCS & 3G Base Station applications, and is also suitable for up-conversion applications.



Features

• Integrated, single-ended RF & LO interfaces

• High linearity: IIP3 >+31 dBm, 1.9 GHz (+17 dBm LO)

• Low-conversion loss: 7.4 dB (+17 dBm LO)

• High isolation: Typical LO-IF at 33 dB, LO-RF at 31 dB

• Optimized for low-side LO injection

• Packaged in a 6-lead 3x3 mm DFN



 




Similar Part No. - PE4134

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4134 PASTERNACK-PE4134 Datasheet
267Kb / 3P
N Female Connector Crimp/Solder Attachment For RG55, RG141, RG142, RG223, RG400
PE4134 PASTERNACK-PE4134 Datasheet
353Kb / 3P
N Female Connector Crimp/Solder Attachment
PE4134 PASTERNACK-PE4134_16 Datasheet
353Kb / 3P
N Female Connector Crimp/Solder Attachment
More results


Similar Description - PE4134

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4124 PEREGRINE-PE4124 Datasheet
265Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4135 PEREGRINE-PE4135 Datasheet
293Kb / 9P
High Linearity UltraCMOS??Quad MOSFET Mixer
logo
WJ Communication. Inc.
MH302 WJCI-MH302 Datasheet
103Kb / 3P
PCS/UMTS-band Quad-FET Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com