Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK1221 Datasheet (PDF) - Asahi Kasei Microsystems

AK1221 Datasheet PDF - Asahi Kasei Microsystems
Part # AK1221
Download  AK1221 Download
File Size   529.22 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3500MHz High Linearity Mixer

AK1221 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK1221 Datasheet PDF - Asahi Kasei Microsystems

Part # AK1221
Download  AK1221 Click to download

File Size   529.22 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 3500MHz High Linearity Mixer

AK1221 Datasheet (HTML) - Asahi Kasei Microsystems


AK1221 Product details

1. Overview

The AK1221 is high linearity mixer. RF and Lo frequency range coverage is from 700 to 3500MHz and IF coverage is from 20 to 200MHz. The RF input provides single-ended 50Ω interface. Lo ports are 50Ω matched and complementary input should be decoupled to the ground. IF output ports are differential open drain outputs. The linearity and power consumption performances can be optimized by the resistance connected to the BIAS Pin.



2. Features

● Operating Frequency: 700MHz to 3500MHz

● Linearity vs. Power selectable architecture Power Consumption: 45mA, IIP3: +25dBm, Gain: -0.5dB, NF: 14dB

● Lo input level: 0dBm ±5dB

● Operating Supply Voltage: 4.75 to 5.25 V

● Package: 16pin UQFN (0.5mm pitch, 3mm  3mm  0.60mm)

● Operating Temperature Range: -40 to 85℃




Similar Part No. - AK1221

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221_17 Datasheet
925Kb / 27P
3500MHz High Lineartity Mixer
More results


Similar Description - AK1221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
High Linearity Passive FET Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
Very High Linearity Active Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221_17 Datasheet
925Kb / 27P
3500MHz High Lineartity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com