Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-92516 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

IAM-92516 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # IAM-92516
Download  IAM-92516 Download
File Size   202.58 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity GaAs FET Mixer

IAM-92516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-92516 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # IAM-92516
Download  IAM-92516 Click to download

File Size   202.58 Kbytes
Page   7 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity GaAs FET Mixer

IAM-92516 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


IAM-92516 Product details

Description
Avago Technologies’s IAM-92516 is a high linearity GaAs FET Mixer using 0.5 μm enhancement mode pHEMT technology. This device houses in Pb-free and Halogen free 16 pins LPCC 3x3[2] plastic package. The IAM-92516 has built-in LO buffer amplifer which requires -3 dBm LO power to deliver an input third order intercept point of 27 dBm. LO port is 50 ohm matched and can be driven differential or single ended while IF port is 200 ohm matched and fully differential. RF port requires external matching network for optimum input return loss and IIP3 performance.

Features
DC = 5V @ 26 mA (Typ.)
RF = 1.91 GHz, PinRF = -10 dBm;
LO = 1.7 GHz, PinLO = -3 dBm;
IF = 210 MHz unlesss otherwise specifed
• Lead-free Option Available
• High Linearity: 27 dBm IIP3
• Conversion Loss: 6 dB typical
• Wide band operation: 400-3500 MHz RF & LO input DC – 300 MHz IF output
• Fully differential or single ended operation
• High P1dB: 9 dBm typical
• Low current consumption: 5V@ 26 mA typical
• Excellent uniformity in product specifcations
• Small LPCC 3.0 x 3.0 x 0.75 mm package
• MTTF > 300 years[1]
• MSL-1 and lead-free
• Tape-and-Reel packaging option available

Applications
• Frequency up/down converter for base station radio card, microwave link transceiver, and MMDS
• Modulation and demodulation for receiver and transmitter
• General purpose resistive FET mixer for other high linearity applications




Similar Part No. - IAM-92516

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
IAM-92516-BLK HP-IAM-92516-BLK Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
IAM-92516-TR1 HP-IAM-92516-TR1 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
IAM-92516-TR2 HP-IAM-92516-TR2 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
More results


Similar Description - IAM-92516

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
High Linearity Passive FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
High Linearity Passive FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com