Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-93516 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

IAM-93516 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # IAM-93516
Download  IAM-93516 Download
File Size   209.22 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Integrated GaAs Mixer

IAM-93516 Datasheet (PDF)

Go To PDF Page Download Datasheet
IAM-93516 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # IAM-93516
Download  IAM-93516 Click to download

File Size   209.22 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Linearity Integrated GaAs Mixer

IAM-93516 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


IAM-93516 Product details

Description
Avago Technologies’ IAM-93516 is a high linearity GaAs FET Mixer using 0.5um enhancement mode pHEMT technology. This device houses in a 3x3 LPCC package. The IAM-93516 has a built-in LO buffer amplifier and an IF amplification stage that serve as an ideal solution for reducing board space and delivering excellent high IIP3, gain and isolation with a low LO drive power. The device is designed with a differential configuration to provide good noise immunity.

Features
• DC =5V @ 111mA (Typ.)
• RF =1.91 GHz, PinRF = -10 dBm;
• LO =1.7 GHz, PinLO = 0 dBm;
• IF = 210 MHz unless otherwise specified
• High Linearity: 23.1 dBm IIP3(typ)
• Conversion Gain: 9.4 dB typical
• Low Noise Figure: 11.6 dB
• Wide band operation:
• 400-3000 MHz RF & LO input
• 70 – 300 MHz IF output
• Fully differential or single ended operation
• High P1dB: 19.3 dB typical
• Consistent RF performance over LO Power
• Low current consumption: 5V@ 111mA typical
• Excellent uniformity in product specifications
• 3mm x 3mm x 0.9mm LPCC package
• MTTF > 300 years[1]
• MSL-1 and Lead-free.

Applications
• Frequency down converter for base station radio card, microwave link transceiver, and MMDS
• Modulation and demodulation for receiver
• General purpose resistive FET mixer for other high linearity applications




Similar Part No. - IAM-93516

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-BLK HP-IAM-93516-BLK Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-TR1 HP-IAM-93516-TR1 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
IAM-93516-TR2 HP-IAM-93516-TR2 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
More results


Similar Description - IAM-93516

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
High Linearity GaAs FET Mixer
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
High Linearity Integrated GaAs Mixer
logo
Asahi Kasei Microsystem...
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
8500MHz High Linearity Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
High Linearity GaAs FET Mixer
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
High Linearity Mixer with Integrated LO Buffer
05/27/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com