Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-93516 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # IAM-93516
Description  High Linearity Integrated GaAs Mixer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IAM-93516 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  IAM-93516 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED IAM-93516 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

1.0 Absolute Maximum Ratings [1]
Symbol
Parameter
Units
Absolute maximum
VD
Supply Voltage [2]
V
7
PinRF
CW RF Input Power [2]
dBm
30
PinLO
CW LO Input Power [2]
dBm
18
TCH
Channel Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
qch_b
Thermal Resistance [4]
°C/W
39
2.0 Product Consistency Distribution Charts [5,6]
Figure 1. ID (mA) [7] Nominal = 111.2mA
Figure 2. GAIN (dB) [8] Nominal = 9.4dB
Figure 3. IIP3 (dBm) [8] Nominal = 23.1dBm
Notes:
1. Operation of this device above any one of these parameters may cause permanent damage.
2. Determined at DC quiescent conditions and TA = 25°C.
3. Board (package belly) temperature TB is 25°C. Derate 25 mW/°C for TB > 130 °C.
4. Channel-to-board thermal resistance measured using Infra Red Imaging Method and 150o C Liquid Crystal Measurement method.
Pin Connections and Package Marking
Interstage Match
Interstage Match



1
1
1
1
LO Buffer
Mixer
pF
pF
0 ohm
MIX_OUT+
RF+
RF -
IFA_IN -
LO+
LO --
+VDD
MIX_OUT -
IFA_IN+
1
+VDD


Amplifier
10
11
IF -
IF+

--
-
Stdev=0.
+ Std
- Std
Id
10 10 10 110 111 11 11 11
0
100
00
00
00
Stdev = 0.1
- Std
.
.0
.
.
.
.
0
0
0
0
10
10
10
+  Std
Stdev = 0.
- Std
1




0
0
0
0
10
10
10
+ Std
Note:
Package marking provides orientation and identification
“M2” = Device Code
“X” = Month code indicates the month of manufacture
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com