Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-92516 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # IAM-92516
Description  High Linearity GaAs FET Mixer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IAM-92516 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  IAM-92516 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED IAM-92516 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
IAM-92516 Absolute Maximum Ratings [1]
Parameter
Units
Absolute Max.
Device Voltage
V
10
CW RF Input Power[2]
dBm
+30
CW LO Input Power[2]
dBm
20
Channel Temperature
°C
150
Storage Temperature
°C
-65 to 150
Notes:
1. Operation of this device above any one of
these parameters may cause permanent
damage.
2. Assuming DC quiescent conditions and
TA = 25°C.
3. Board (package belly) temperature TB is
25°C. Derate 21 mW/°C for TB > 85°C.
4. Channel-to-board
thermal
resistance
measured using 150°C Liquid Crystal
Measurement method.
Electrical Specifications
TA = 25°C, DC =5V @ 26 mA, RF =1.91 GHz, PinRF = -10 dBm; LO =1.7 GHz, PinLO = -3 dBm, IF = 210 MHz unless otherwise specified.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
Std Dev.[1]
FRF
Frequency Range, RF
MHz
400
3500
FLO
Frequency Range, LO
MHz
400
3500
FIF
Frequency Range, IF
MHz
DC
300
Id
Device Current
mA
22
26
30
0.89
Gc[3]
Conversion Loss
dB
6
6.9
0.08
IIP3[2]
Input Third Order Intercept Point
dBm
22
27
0.43
NF[3]
SSB Noise Figure
dB
12.5
P1dB[3]
Output Power at 1 dB Compression
dBm
9
RLRF
RF Port Return Loss
dB
19
RLLO
LO Port Return Loss
dB
24
RLIF
IF Port Return Loss
dB
21
ISOLL-R
LO-RF Isolation
dB
34
ISOLL-I
LO-IF Isolation
dB
56
ISOLR-L
RF-IF Isolation
dB
33
Notes:
1. Standard deviation number is based on measurement of at least 500 parts from three non-consecutive wafer lots during the initial
characterization of
this product and is intended to be used as an estimate for distribution of the typical specification.
2. IIP3 test condition: FRF1 = 1.91 GHz, FRF2 = 1.89 GHz with input power of -10 dBm per tone and LO power = -3 dBm at LO frequency FLO= 1.7 GHz.
3. Conversion loss, P1dB and NF data have de-embedded balun loss = 0.8 dB @ 210 MHz.
Figure 1. IAM-92516 Test Board.
Thermal Resistance[2,4]
ch-c = 47.6°C/W
Simplified Schematic



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com