Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4135 Datasheet (PDF) - Peregrine Semiconductor Corp.

4135 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4135
Download  4135 Download
File Size   293.63 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity UltraCMOS??Quad MOSFET Mixer

4135 Datasheet (PDF)

Go To PDF Page Download Datasheet
4135 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4135
Download  4135 Click to download

File Size   293.63 Kbytes
Page   9 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description High Linearity UltraCMOS??Quad MOSFET Mixer

4135 Datasheet (HTML) - Peregrine Semiconductor Corp.


4135 Product details

Product Description
The PE4135 is a high linearity passive Quad MOSFET Mixer for GSM800 & Cellular Base Station Receivers, exhibiting high dynamic range performance over a broad LO drive range of up to 20 dBm. This mixer integrates passive matching networks to provide single-ended interfaces for the RF and LO ports, eliminating the need for external RF baluns or matching networks. The PE4135 is optimized for frequency down conversion using low-side LO injection for GSM800 & Cellular Base Station application, and is also suitable for up-conversion applications.
The PE4135 is manufactured on Peregrine’s UltraCMOS™ process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of conventional CMOS.

Features
• Integrated, single-ended RF & LO interfaces
• High linearity: Typical IIP3 at 32dBm 820 - 920 MHz (+17 dBm LO)
• Low conversion loss: 6.8 dB (+17 dBm LO)
• High isolation: Typical LO-IF at 42 dB, LO-RF at 32 dB
• Small 6-lead 3x3 mm DFN package




Similar Part No. - 4135

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4135 FILTRONIC-4135 Datasheet
287Kb / 2P
POWER DIVIDERS FIVE-WAY, 2 TO 8 GHZ
logo
API Technologies Corp
4135 APITECH-4135 Datasheet
159Kb / 2P
4125
4135 APITECH-4135 Datasheet
160Kb / 2P
POWER DIVIDERS
4135 APITECH-4135 Datasheet
165Kb / 2P
POWER DIVIDERS
logo
MENTOR GmbH & Co.
4135.063 MENTOR-4135.063 Datasheet
301Kb / 1P
Plastic Turning Knob System with Collet Fixing
More results


Similar Description - 4135

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4122 PEREGRINE-PE4122 Datasheet
260Kb / 8P
UltraCMOS??High Linearity Quad MOSFET Mixer For PCS & 3G BTS
PE4125 PEREGRINE-PE4125 Datasheet
234Kb / 8P
High Linearity Quad MOSFET Mixer for GSM 800 & Cellular BTS
PE4126 PEREGRINE-PE4126 Datasheet
269Kb / 8P
High Linearity Quad MOSFET Mixer for DCS 1800 BTS
PE4134 PEREGRINE-PE4134 Datasheet
295Kb / 9P
High Linearity Quad MOSFET Mixer for PCS & 3G BTS
PE4140 PEREGRINE-PE4140 Datasheet
285Kb / 10P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array Features
PE84140 PEREGRINE-PE84140_06 Datasheet
165Kb / 7P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
logo
Peregrine Semiconductor
PE4140 PSEMI-PE4140 Datasheet
269Kb / 10P
Ultra-High Linearity UltraCMOS Broadband Quad MOSFET Array
PE4140 PSEMI-PE4140_14 Datasheet
847Kb / 10P
Ultra-High Linearity UltraCMOS?
PE4140-DIE PSEMI-PE4140-DIE Datasheet
847Kb / 10P
Ultra-High Linearity UltraCMOS?
logo
Peregrine Semiconductor...
PE4140 PEREGRINE-PE4140 Datasheet
269Kb / 10P
Ultra-High Linearity UltraCMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com