Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4230 Datasheet (PDF) - Peregrine Semiconductor Corp.

4230 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 4230
Download  4230 Download
File Size   258.75 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??RF Switch

4230 Datasheet (PDF)

Go To PDF Page Download Datasheet
4230 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 4230
Download  4230 Click to download

File Size   258.75 Kbytes
Page   7 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT High Power UltraCMOS??RF Switch

4230 Datasheet (HTML) - Peregrine Semiconductor Corp.


4230 Product details

Product Description
The PE4230 UltraCMOS™ RF Switch is designed to cover a broad range of applications from DC through 3000 MHz. This single-supply reflective switch integrates on-board CMOS control logic driven by a simple, single-pin CMOS or TTL compatible control input. Using a nominal +3-volt power supply, a typical input 1 dB compression point of +32 dBm can be achieved. The PE4230 also exhibits input-output isolation of better than 39 dB at 1000 MHz and is offered in a small 8-lead MSOP package.

Features
• Single 3-volt power supply
• Low insertion loss: 0.35 dB at 1000 MHz, 0.55 dB at 2000 MHz
• High isolation of 39 dB at 1000 MHz, 30 dB at 2000 MHz
• Typical input 1 dB compression point of +32 dBm
• Single-pin CMOS or TTL logic control
• Low cost




Similar Part No. - 4230

ManufacturerPart #DatasheetDescription
logo
Heyco.
4230 HEYCO-4230 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
ETAL Group
4230-T1 ETAL-4230-T1 Datasheet
1Mb / 12P
Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
logo
E-T-A Elektrotechnische...
4230-T1-10-K0CE-10A E-T-A-4230-T1-10-K0CE-10A Datasheet
8Mb / 4P
Panelboard Power Distribution System XSVS Series
logo
ETAL Group
4230-T110-K0BE-10A ETAL-4230-T110-K0BE-10A Datasheet
1Mb / 12P
Protection of cables, motors, generators and transformers, thyristors and silicon rectifiers
logo
E-T-A Elektrotechnische...
4230-T110-K0BE-10A E-T-A-4230-T110-K0BE-10A Datasheet
1Mb / 11P
Thermal-magnetic Miniature Circuit Breaker 4230-T...
More results


Similar Description - 4230

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4239 PEREGRINE-PE4239 Datasheet
249Kb / 8P
SPDT UltraCMOS??RF Switch
PE4244 PEREGRINE-PE4244 Datasheet
251Kb / 6P
SPDT UltraCMOS??RF Switch
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242_06 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_08 Datasheet
282Kb / 8P
SPDT UltraCMOS??RF Switch
PE42556 PEREGRINE-PE42556 Datasheet
281Kb / 10P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE4239 PSEMI-PE4239_14 Datasheet
860Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PSEMI-PE4245_14 Datasheet
838Kb / 8P
SPDT UltraCMOS??RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com