Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4237 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE4237 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE4237
Download  PE4237 Download
File Size   278.93 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 4000 MHz

PE4237 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE4237 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE4237
Download  PE4237 Click to download

File Size   278.93 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description SPDT UltraCMOS??RF Switch DC - 4000 MHz

PE4237 Datasheet (HTML) - Peregrine Semiconductor Corp.


PE4237 Product details

Product Description

The PE4237 RF Switch is designed to cover a broad range of applications from near DC to 4000 MHz. This reflective switch integrates on-board CMOS control logic driven by a single-pin, low voltage CMOS or TTL control input. Using a nominal +3- volt power supply, a 1 dB compression point of +32 dBm can be achieved. The PE4237 also exhibits outstanding isolation of better than 43 dB at 1000 MHz and is offered in a small 3x3 mm DFN package.



Features

Single 3.0-volt power supply

Low insertion loss: 0.35 dB at 1000 MHz, 0.45 dB at 2000 MHz

High isolation of 43 dB at 1000 MHz, 35 dB at 2000 MHz

Typical 1 dB compression point of +32 dBm

Single-pin CMOS or TTL logic control

Available in a 6-lead DFN package



 




Similar Part No. - PE4237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
logo
Peregrine Semiconductor
PE4237 PSEMI-PE4237 Datasheet
276Kb / 8P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
SPDT UltraCMOS
logo
Pasternack Enterprises,...
PE4237 PASTERNACK-PE4237 Datasheet
319Kb / 3P
BNC Twinax Jack Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_08 Datasheet
277Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Similar Description - PE4237

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4235 PEREGRINE-PE4235 Datasheet
288Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE4245 PEREGRINE-PE4245_06 Datasheet
263Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
UltraCMOS SP5T RF Switch 450-4000 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com