Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7147N Datasheet (PDF) - Panasonic Semiconductor

AN7147N Datasheet PDF - Panasonic Semiconductor
Part # AN7147N
Download  AN7147N Download
File Size   55.33 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 5.3W Audio Power Amplifier Circuit

AN7147N Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7147N Datasheet PDF - Panasonic Semiconductor

Part # AN7147N
Download  AN7147N Click to download

File Size   55.33 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 5.3W Audio Power Amplifier Circuit

AN7147N Datasheet (HTML) - Panasonic Semiconductor


AN7147N Product details

■Overview

The AN7147N is an integrated circuit designed for power amplifier of 5.3W (12.0V, 3Ω) output. Stereo operation is enabled due to incorporating two amps. on one chip. It makes high reliability by smaller quiescent current compared with power amp. current and protectors built in. As quiescent circuit current is very small, it is most suit ably used for battery operated set such as radio cassette recorder. Furthermore, low distortion and low noise are realized and external components are very few. 12-pin SIL package enabled compact and high integrated set.



■Features

• Low quiescent current

• High operation stability

• Low radiation

• Low distortion

• Low noise

• Low shock noise from power ON/OFF operation

• Fewer external componetns




Similar Part No. - AN7147N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7147 ETC2-AN7147 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7147N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1389 NTE-NTE1389 Datasheet
24Kb / 3P
Integrated Circuit Dual, Audio Power Amplifier, 20W
NTE7061 NTE-NTE7061 Datasheet
23Kb / 2P
Integrated Circuit Dual 5.3W Audio Power Amplifier Circuit
NTE990 NTE-NTE990 Datasheet
24Kb / 3P
Integrated Circuit Dual Audio Power Amplifier
logo
Panasonic Semiconductor
AN7148 PANASONIC-AN7148 Datasheet
48Kb / 4P
Dual 2.1W Audio Power Amplifier Circuit
AN7149N PANASONIC-AN7149N Datasheet
46Kb / 3P
Dual 5.3W Audio Power Amplifier Circuit
AN7158N PANASONIC-AN7158N Datasheet
89Kb / 4P
Dual 7.5W Audio Power Amplifier Circuit
AN7168 PANASONIC-AN7168 Datasheet
45Kb / 3P
Dual 5.8W Audio Power Amplifier Circuit
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
Dual 5.8W Audio Power Amplifier Circuit
logo
NTE Electronics
NTE1371 NTE-NTE1371 Datasheet
77Kb / 2P
Integrated Circuit Dual, Audio Power Amp, 5.3W/Ch
NTE1373 NTE-NTE1373 Datasheet
84Kb / 3P
Integrated Circuit Dual Audio Power Amplifier Circuit, 7.5W
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com