Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7168 Datasheet (PDF) - Panasonic Semiconductor

AN7168 Datasheet PDF - Panasonic Semiconductor
Part # AN7168
Download  AN7168 Download
File Size   45.14 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 5.8W Audio Power Amplifier Circuit

AN7168 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN7168 Datasheet PDF - Panasonic Semiconductor

Part # AN7168
Download  AN7168 Click to download

File Size   45.14 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 5.8W Audio Power Amplifier Circuit

AN7168 Datasheet (HTML) - Panasonic Semiconductor


AN7168 Product details

■ Overview

The AN7168 is an integrated circuit designed for low distortion, low noise and low power dissipation audio set of 5.8W (13.2V, 4Ω) output. Stereo operation is enabled due to incorporating two amplifiers on one chip. 12-pin SIL package enabled compact and high integrated set. Thermal protection, short protection and excessive protection circuits are built in.



■ Features

• Highly stable operation

• Low distortion

• Low quiescent current

• Low noise

• Low shock noise from power ON/OFF operation

• Built-in muting circuit

• Fewer external components

• Incorporating protection circuits



 




Similar Part No. - AN7168

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7168 ETC2-AN7168 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - AN7168

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1830 NTE-NTE1830 Datasheet
26Kb / 3P
Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)
logo
Panasonic Semiconductor
AN7169 PANASONIC-AN7169 Datasheet
55Kb / 4P
Dual 5.8W Audio Power Amplifier Circuit
logo
Toshiba Semiconductor
TA8208H TOSHIBA-TA8208H Datasheet
437Kb / 9P
5.8W DUAL AUDIO POWER AMPLIFIER
TA7270P TOSHIBA-TA7270P Datasheet
398Kb / 11P
5.8W DUAL AUDIO POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC7217 YOUWANG-UTC7217 Datasheet
73Kb / 4P
5.8W AUDIO POWER AMPLIFIER
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com