Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1830 Datasheet (PDF) - NTE Electronics

NTE1830 Datasheet PDF - NTE Electronics
Part # NTE1830
Download  NTE1830 Download
File Size   26.39 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)

NTE1830 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1830 Datasheet PDF - NTE Electronics

Part # NTE1830
Download  NTE1830 Click to download

File Size   26.39 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Audio Power Amplifier, 5.8W (19W BTL)

NTE1830 Datasheet (HTML) - NTE Electronics


NTE1830 Product details

Description:

The NTE1830 and NTE1830 are dual audio power amplifiers in a 12–Lead DIP type package for use in consumer applications. Designed for high power, low distortion, and low noise, these devices contain various types of protection circuitry making them suitable for high performance car audio power amplifier applications.



Features:

• Two Kinds of Pin Configurations:

   Normal (NTE1830)

   Reverse (NTE1831)

• Operating Supply Voltage Range: VCC(opr) = 9V to 18V

• High Power: (VCC = 13.2V, f = 1kHz, RL = 4Ω)

• Low Noise: (VCC = 13.2V, RL = 4Ω)

• Protector:

   Thermal Shut–Down

   Overvoltage Protection

   BTL–OCL DC Short Protection



 




Similar Part No. - NTE1830

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE183 NTE-NTE183 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose Amplifier, Switch
NTE1832 NTE-NTE1832 Datasheet
84Kb / 4P
Integrated Circuit BTL Audio Power Amplifier, 12W
NTE1834 NTE-NTE1834 Datasheet
27Kb / 3P
Integrated Circuit Dual Reversible Motor Driver
NTE1835 NTE-NTE1835 Datasheet
26Kb / 3P
Integrated Circuit Interface for Character and Pattern
NTE1836 NTE-NTE1836 Datasheet
29Kb / 4P
Integrated Circuit Electronic Channel Select System Control
More results


Similar Description - NTE1830

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1155 NTE-NTE1155 Datasheet
22Kb / 2P
Integrated Circuit Audio Power Amplifier, 5.8W
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
NTE1395 NTE-NTE1395 Datasheet
23Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1398 NTE-NTE1398 Datasheet
22Kb / 2P
Integrated Circuit Dual Audio Power Amplifier, 5.8W/Ch
NTE1898 NTE-NTE1898 Datasheet
25Kb / 3P
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
logo
Toshiba Semiconductor
TA7280P TOSHIBA-TA7280P Datasheet
646Kb / 13P
5.8W DUAL, 22W BTL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA7241AP TOSHIBA-TA7241AP Datasheet
733Kb / 13P
5.8M DUAL AUDIO POWER AMPLIFIER 19W BTL AUDIO POWER AMPLIFIER
TA7292P TOSHIBA-TA7292P Datasheet
944Kb / 13P
5.8W DUAL AUDIO POWER AMPLIFIER. 22W BTL AUDIO POWER AMPLIFIER.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com