Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC6D102-CK Datasheet (PDF) - SMSC Corporation

EMC6D102-CK Datasheet PDF - SMSC Corporation
Part # EMC6D102-CK
Download  EMC6D102-CK Download
File Size   1518.68 Kbytes
Page   86 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features

EMC6D102-CK Datasheet (PDF)

Go To PDF Page Download Datasheet
EMC6D102-CK Datasheet PDF - SMSC Corporation

Part # EMC6D102-CK
Download  EMC6D102-CK Click to download

File Size   1518.68 Kbytes
Page   86 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features

EMC6D102-CK Datasheet (HTML) - SMSC Corporation


EMC6D102-CK Product details

General Description
The EMC6D102 is an environmental monitoring device with automatic fan control capability. This ACPI compliant device provides hardware monitoring for up to five voltages and three thermal zones, measures the speed of up to four fans, and controls the speed of multiple DC fans using Pulse Width Modulator (PWM) outputs.

PRODUCT FEATURES
■ 3.3 Volt Operation (5 Volt Tolerant Input Buffers)
■ SMBus 2.0 compliant interface (Fixed, Not Discoverable) With Three Slave Address Options
■ Fan Control
    — PWM (Pulse width Modulation) Outputs (3)
    — Fan Tachometer Inputs (4)
    — Individual status and enable bits per tach input
    — Programmable automatic fan control based on temperature
    — Fan ramp rate control for acoustic noise reduction
■ Temperature Monitor
    — Monitoring of Two Remote Thermal Diodes (+/- 3 deg C accuracy)
    — Internal Ambient Temperature Measurement
    — Limit Comparison of all Monitored Values
    — Individual status and enable bits per thermal input
    — Interrupt Pin for out-of-limit Temperature Indication
    — Configurable offset for internal or external temperature channels.
    — Supports 4 programmable temperature averaging modes
    — 2 monitoring modes: Continuous or Cycle (Power Saving mode)
    — Offers 2 Low Power Modes when monitoring is off: Sleep and Shutdown
■ Voltage Monitor
    — Monitor Power supplies (+2.5V, +5V, +12V, Vccp, and VCC)
    — Individual status and enable bits per voltage input
    — Limit Comparison of all Monitored Values
    — Interrupt Pin for out-of-limit Voltage Indication
    — Supports 4 programmable voltage averaging modes
    — 2 monitoring modes: Continuous or Cycle (Power Saving mode)
    — Offers 2 Low Power Modes when monitoring is off: Sleep and Shutdown
■ 5 VID (Voltage Identification) inputs
■ XOR Tree test mode
■ Mechanical Package (24-pin SSOP); green, lead-free package also available




Similar Part No. - EMC6D102-CK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102-CZC SMSC-EMC6D102-CZC Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102-CZC SMSC-EMC6D102-CZC Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102-CZC-TR SMSC-EMC6D102-CZC-TR Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102-CZC-TR SMSC-EMC6D102-CZC-TR Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results


Similar Description - EMC6D102-CK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002 Datasheet
440Kb / 47P
Low-Voltage Acoustic Echo Canceller With Noise Reduction
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Feature Integration Tec...
F71858 FINTEK-F71858 Datasheet
1Mb / 66P
Hardware KBC with ACPI, Temp. and Fan Control
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
Hardware KBC with ACPI, Temp. and Fan Control
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com