Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1577 Datasheet (PDF) - Analog Intergrations Corporation

AIC1577 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1577
Download  AIC1577 Download
File Size   340.26 Kbytes
Page   14 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description External NMOS Step-Down PWM Controller

AIC1577 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1577 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1577
Download  AIC1577 Click to download

File Size   340.26 Kbytes
Page   14 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description External NMOS Step-Down PWM Controller

AIC1577 Datasheet (HTML) - Analog Intergrations Corporation


AIC1577 Product details

„

DESCRIPTION

The AIC1577 is a current mode switching regulator controller that drives  external N channel power MOSFET using a fixed frequency architecure. It usesexternal divider to adjust output voltage from 0.8V to 20V with excellent line and load regulation. A maximum high duty cycle limit of 95% provides low dropout operation which extends operating time in battery-operated systems.



FEATURES

N-Channel MOSFET Drive

Operating Input Voltage from 4.5V to 24V

Wide Ouput Range : 0.8V to 20V

±1.5% 0.8V Reference

Low Dropout Operation : 95% Duty Cycle

500KHz Fixed Constant Frequency

Low Standby Current, IQTypically 720µA

Logic-Control Micropower Shutdown

Output Overvoltage Protection

Internal Diode for Bootstrapped Gate Drive

Current Mode Operation for Excellent Line and Load Transient Response

Available in an 8-Lead SO and MSOP Package



APPLICATIONS

LCD Monitor

Palmtop Computers, PDAs

Wireless Modems

On-Card Switching Regulators

DC Power Distribution Systems




Similar Part No. - AIC1577

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1570CS AIC-AIC1570CS Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
More results


Similar Description - AIC1577

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6577 SSC-SS6577 Datasheet
722Kb / 14P
External NMOS Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
Synchronous Step-Down PWM Controller
August 31, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
Synchronous Step-Down PWM Controller
SP6128A EXAR-SP6128A Datasheet
131Kb / 10P
Synchronous Step Down PWM Controller
logo
Renesas Technology Corp
ISL8117 RENESAS-ISL8117 Datasheet
1Mb / 24P
Synchronous Step-Down PWM Controller
ISL8117A RENESAS-ISL8117A Datasheet
1Mb / 23P
Synchronous Step-Down PWM Controller
logo
Unisonic Technologies
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com