Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDWS5360L-F085 Datasheet (PDF) - ON Semiconductor

FDWS5360L-F085 Datasheet PDF - ON Semiconductor
Part # FDWS5360L-F085
Download  FDWS5360L-F085 Download
File Size   540.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓

FDWS5360L-F085 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDWS5360L-F085 Datasheet PDF - ON Semiconductor

Part # FDWS5360L-F085
Download  FDWS5360L-F085 Click to download

File Size   540.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓

FDWS5360L-F085 Datasheet (HTML) - ON Semiconductor




Similar Part No. - FDWS5360L-F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDWS86068-F085 ONSEMI-FDWS86068-F085 Datasheet
156Kb / 6P
N-Channel POWERTRENCH MOSFET 100 V, 80 A, 6.4 m
March, 2018 ??Rev. 2
FDWS86368 ONSEMI-FDWS86368 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86368-F085 ONSEMI-FDWS86368-F085 Datasheet
426Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 80 A, 4.5 m
October, 2021 ??Rev. 4
FDWS86369-F085 ONSEMI-FDWS86369-F085 Datasheet
406Kb / 7P
MOSFET ??N-Channel, POWERTRENCH 80 V, 65 A, 7.5 m
October, 2021 ??Rev. 3
FDWS86380 ONSEMI-FDWS86380 Datasheet
528Kb / 8P
N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
More results


Similar Description - FDWS5360L-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB3502 FAIRCHILD-FDB3502 Datasheet
329Kb / 6P
N-Channel Power Trench짰 MOSFET 75V, 14A, 47m廓
FDMC8462 FAIRCHILD-FDMC8462 Datasheet
289Kb / 7P
N-Channel Power Trench짰 MOSFET 40V, 20A, 5.8m廓
FDMS5352 FAIRCHILD-FDMS5352 Datasheet
282Kb / 7P
N-Channel Power Trench짰 MOSFET 60V, 49A, 6.7m廓
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
logo
Unisonic Technologies
60N06 UTC-60N06_12 Datasheet
316Kb / 8P
60A, 60V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
FDB9403-F085 FAIRCHILD-FDB9403-F085 Datasheet
484Kb / 6P
N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
logo
First Components Intern...
IRFZ44V FCI-IRFZ44V Datasheet
157Kb / 5P
60A 60V N CHANNEL POWER MOSFET
logo
ON Semiconductor
FDD120AN15A0-F085 ONSEMI-FDD120AN15A0-F085 Datasheet
447Kb / 7P
N-Channel Power Trench짰 MOSFET 150V, 14A, 120m廓
September-2017, Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com