Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML60852A Datasheet (PDF) - OKI electronic componets

ML60852A Datasheet PDF - OKI electronic componets
Part # ML60852A
Download  ML60852A Download
File Size   335.35 Kbytes
Page   81 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description USB Device Controller

ML60852A Datasheet (PDF)

Go To PDF Page Download Datasheet
ML60852A Datasheet PDF - OKI electronic componets

Part # ML60852A
Download  ML60852A Click to download

File Size   335.35 Kbytes
Page   81 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description USB Device Controller

ML60852A Datasheet (HTML) - OKI electronic componets


ML60852A Product details

GENERAL DESCRIPTION

The ML60852A is a general purpose Universal Serial Bus (USB) device controller.

The ML60852A provides a USB serial interface engine, USB transceiver, FIFOs, control/status registers, application interface circuit, and oscillation circuit thereby easily realizing a USB system. The ML60852A supports four types of data transfer such as control transfer, bulk transfer, interrupt transfer and isochronous transfer, and also supports five or six endpoints.



FEATURES

• USB1.1 compliant

• Supports full-speed (12 Mbps).

• Supports four types of transfer; control transfer, bulk transfer, interrupt transfer, and isochronous transfer.

• Endpoints: 5 to 6 endpoints

   Control EP 1

   Bulk/interrupt EP 3

   Isochronous/bulk/interrupt EP 1 or 2

• Built-in FIFO for data storage

• A two-layer configuration of FIFO for each of EP1, EP2, EP4, and EP5

• 8/16 bit DMA supported (EP1, EP2, EP4, and EP5)

• Intelligent Serial Interface Engine (SIE)

• Supports bus-powered device.

   The suspend condition is automatically detected and the low-power mode is activated. Normal operation is automatically restarted when the resume condition is detected.

• Built-in USB transceiver circuit

• Ta = -20 to +80 °C

• VCC=3.0 to 3.6 V

• Interface with 5 V circuit is possible. (Input: 5 V tolerant, output: TTL)

• Built-in 12 MHz /6 MHz oscillation circuit

• Package options:

   44-pin plastic TQFP

   56-pin plastic LGA



 




Similar Part No. - ML60852A

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
More results


Similar Description - ML60852A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
logo
Agere Systems
USS-820FD AGERE-USS-820FD Datasheet
890Kb / 56P
USB Device Controller
Rev. 1 August 2004
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com