Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USS-820FD Datasheet (PDF) - Agere Systems

USS-820FD Datasheet PDF - Agere Systems
Part # USS-820FD
Download  USS-820FD Download
File Size   890.02 Kbytes
Page   56 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description USB Device Controller

USS-820FD Datasheet (PDF)

Go To PDF Page Download Datasheet
USS-820FD Datasheet PDF - Agere Systems

Part # USS-820FD
Download  USS-820FD Click to download

File Size   890.02 Kbytes
Page   56 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description USB Device Controller

USS-820FD Datasheet (HTML) - Agere Systems


USS-820FD Product details

Description
USS-820FD is a USB device controller that provides a programmable bridge between the USB and a local microprocessor bus. It is available in a 48-ball TFSBGAC package. The USS-820FD allows PC peripherals to upgrade to USB connectivity without major redesign effort. It is programmable through a simple read/write register interface that is compatible with industry-standard USB microcontrollers.

Features
■ Full compliance with the Universal Serial Bus Specification Revision 1.1.
■ Backward compatible with USS-820B, USS-820C, and USS-820D revisions.
■ Self-powered or bus-powered USB device. Meets USB power specifications for bus-powered devices.
■ Full-speed USB device (12 Mbits/s).
■ USB device controller with protocol control and administration for up to 16 USB endpoints.
■ Supports control, interrupt, bulk, and isochronous transfers for all 16 endpoints.
■ Programmable endpoint types, FIFO sizes, and internal 1120-byte logical (2240-byte physical for dual-packet mode) shared FIFO storage allow a wide variety of configurations.
■ Dual-packet mode of FIFOs reduces latency.
■ Supports USB remote wake-up feature.
■ On-chip crystal oscillator allows external 12 MHz crystal or 3 V/5 V clock source.
■ On-chip analog PLL creates 48 MHz clock from internal 12 MHz clock.
■ Integrated USB transceivers.
■ 5 V tolerant I/O buffers allow operation in 3 V or 5 V system environments for 0 °C to 70 °C temperature range.
■ 5 V tolerant I/O buffers allow operation in 3 V only system environments for –20 °C to +85 °C temperature range.
■ Implemented in Agere Systems Inc. 0.25 µm, 3 V standard-cell library.
■ 48-ball TFSBGAC. (Lead-free package also available. (See Ordering Information on page 51.)
■ Evaluation kit available.

New Features After Revision B
■ New, centralized FIFO status bits and interrupt output pin reduce firmware load.
■ New, additional nonisochronous transmit mode allows NAK response to cause interrupt.
■ Isochronous behavior enhancements simplify firmware control.
■ Additional FIFO sizes for nonisochronous endpoints.
■ USB reset can be programmed to clear device address.
■ USB reset output status pin.
■ Firmware ability to wake up and reset a suspended device.
■ Lower power.
■ 5 V supply no longer required for 5 V tolerant operation.

Applications
■ Suitable for peripherals with embedded microprocessors.
■ Glueless interface to microprocessor buses.
■ Support of multifunction USB implementations, such as printer/scanner and integrated multimedia applications.
■ Suitable for a broad range of device class peripherals in the USB standard.




Similar Part No. - USS-820FD

ManufacturerPart #DatasheetDescription
logo
Agere Systems
USS-820D AGERE-USS-820D Datasheet
868Kb / 58P
USS-820D USB Device Controller
Rev. 4 June 2001
More results


Similar Description - USS-820FD

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
USB Device Controller
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
USB Device Controller
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
USB DEVICE CONTROLLER
logo
Winbond
W81281 WINBOND-W81281 Datasheet
324Kb / 37P
USB Keyboard/ Device Controller
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com