Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2A16A Datasheet (PDF) - Everspin Technologies Inc.

MR2A16A Datasheet PDF - Everspin Technologies Inc.
Part # MR2A16A
Download  MR2A16A Download
File Size   1175.47 Kbytes
Page   20 Pages
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.
Description 256K x 16 MRAM Memory

MR2A16A Datasheet (PDF)

Go To PDF Page Download Datasheet
MR2A16A Datasheet PDF - Everspin Technologies Inc.

Part # MR2A16A
Download  MR2A16A Click to download

File Size   1175.47 Kbytes
Page   20 Pages
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.
Description 256K x 16 MRAM Memory

MR2A16A Datasheet (HTML) - Everspin Technologies Inc.




Similar Part No. - MR2A16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A Datasheet
231Kb / 22P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2A16A FREESCALE-MR2A16A Datasheet
2Mb / 56P
Blood Pressure Monitor Using the Flexis QE128 Family
MR2A16ACTS35C FREESCALE-MR2A16ACTS35C Datasheet
231Kb / 22P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2A16ACYS35 FREESCALE-MR2A16ACYS35 Datasheet
219Kb / 20P
64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results


Similar Description - MR2A16A

ManufacturerPart #DatasheetDescription
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
16-bit Sound Controller with 256K x 16 Flash Memory
logo
Everspin Technologies I...
MR4A16B EVERSPIN-MR4A16B Datasheet
909Kb / 16P
1M x 16 MRAM
Rev. 11.7 3/2018
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
64K x 16 MRAM Memory
Rev. 8.3 3/2018
MR1A16A EVERSPIN-MR1A16A Datasheet
1Mb / 20P
128K x 16 MRAM Memory
Rev. 1.1 03/2020
MR2A08A EVERSPIN-MR2A08A Datasheet
901Kb / 15P
512K x 8 MRAM Memory
Rev. 6.3, 3/2018
MR3A16A EVERSPIN-MR3A16A Datasheet
1Mb / 16P
512K x 16 MRAM
Rev. 1.1 03/2020
MR4A08B EVERSPIN-MR4A08B Datasheet
839Kb / 15P
2M x 8 MRAM Memory
Rev. 8.7 3/2018
MR5A16A EVERSPIN-MR5A16A Datasheet
1Mb / 18P
2M x 16 MRAM
Rev v1.0 11/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com