Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR2A16A Datasheet(PDF) 1 Page - Everspin Technologies Inc.

Part # MR2A16A
Description  256K x 16 MRAM Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.

MR2A16A Datasheet(HTML) 1 Page - Everspin Technologies Inc.

  MR2A16A Datasheet HTML 1Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 2Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 3Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 4Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 5Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 6Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 7Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 8Page - Everspin Technologies Inc. MR2A16A Datasheet HTML 9Page - Everspin Technologies Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MR2A16A
MR2A16A Rev. 11.3 3/2018
1
Copyright © Everspin Technologies 2018
256K x 16 MRAM Memory
• Fast 35 ns Read/Write cycle
• SRAM compatible timing, uses existing SRAM control-
lers without redesign
• Unlimited Read & Write endurance
• Data non-volatile for >20 years at temperature
• One memory replaces Flash, SRAM, EEPROM and
BBSRAM in a system for simpler, more efficient design
• Replaces battery-backed SRAM solutions with MRAM
to improve reliability
• 3.3 volt power supply
• Automatic data protection on power loss
• Commercial, Industrial, Extended temperatures
• AEC-Q100 Grade 1 option
• All products meet MSL-3 moisture sensitivity level
• RoHS-compliant SRAM TSOP2 and BGA Packages
The MR2A16A is a 4,194,304-bit magnetoresistive random access memory (MRAM) device orga-
nized as 262,144 words of 16 bits. The MR2A16A offers SRAM compatible 35 ns read/write timing
with unlimited endurance. Data is always non-volatile for greater than 20 years. Data is automati-
cally protected on power loss by low-voltage inhibit circuitry to prevent writes with voltage out of
specification.
The MR2A16A is the ideal memory solution for applications that must permanently store and re-
trieve critical data and programs quickly.
The M2A16A is available in a small footprint 48-pin ball grid array (BGA) package and a 44-pin thin
small outline package (TSOP Type 2). These packages are compatible with similar low-power SRAM
products and other nonvolatile RAM products.
The MR2A16A provides highly reliable data storage over a wide range of temperatures. The prod-
uct is offered with Commercial (0 to +70 °C), Industrial (-40 to +85 °C), Extended (-40 to +105 °C),
and AEC-Q100 Grade 1 (-40 to +125 °C) operating temperature range options.
RoHS
FEATURES
INTRODUCTION
48-ball BGA
44-pin TSOP2


Similar Part No. - MR2A16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MR2A16A ETC-MR2A16A Datasheet
161Kb / 16P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
logo
Freescale Semiconductor...
MR2A16A FREESCALE-MR2A16A Datasheet
231Kb / 22P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2A16A FREESCALE-MR2A16A Datasheet
2Mb / 56P
Blood Pressure Monitor Using the Flexis QE128 Family
MR2A16ACTS35C FREESCALE-MR2A16ACTS35C Datasheet
231Kb / 22P
256K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
MR2A16ACYS35 FREESCALE-MR2A16ACYS35 Datasheet
219Kb / 20P
64K x 16-Bit 3.3-V Asynchronous Magnetoresistive RAM
More results

Similar Description - MR2A16A

ManufacturerPart #DatasheetDescription
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
SPANSION
MBM29LV400TC-55 SPANSION-MBM29LV400TC-55 Datasheet
654Kb / 58P
FLASH MEMORY CMOS 4M (512K X 8/256K X 16) BIT
logo
Generalplus Technology ...
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
16-bit Sound Controller with 256K x 16 Flash Memory
logo
Everspin Technologies I...
MR4A16B EVERSPIN-MR4A16B Datasheet
909Kb / 16P
1M x 16 MRAM
Rev. 11.7 3/2018
MR0A16A EVERSPIN-MR0A16A Datasheet
930Kb / 22P
64K x 16 MRAM Memory
Rev. 8.3 3/2018
MR1A16A EVERSPIN-MR1A16A Datasheet
1Mb / 20P
128K x 16 MRAM Memory
Rev. 1.1 03/2020
MR2A08A EVERSPIN-MR2A08A Datasheet
901Kb / 15P
512K x 8 MRAM Memory
Rev. 6.3, 3/2018
MR3A16A EVERSPIN-MR3A16A Datasheet
1Mb / 16P
512K x 16 MRAM
Rev. 1.1 03/2020
MR4A08B EVERSPIN-MR4A08B Datasheet
839Kb / 15P
2M x 8 MRAM Memory
Rev. 8.7 3/2018
MR5A16A EVERSPIN-MR5A16A Datasheet
1Mb / 18P
2M x 16 MRAM
Rev v1.0 11/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com